Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83699IRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL83699IRZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83699IRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL83699IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL83699IRZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6094.3
November 5, 2004
ISL83699
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
INDEX
D1/2
D1
D/2
D
E1/2
E/2
E
A
2X
0.15
B
C
0.10
B
A
MC
A
N
SEATING PLANE
N
6
3
2
2
3
e
1
1
0.08
FOR ODD TERMINAL/SIDE
FOR EVEN TERMINAL/SIDE
C
C
SECTION "C-C"
NX b
A1
C
2X
C
0.15
0.15
2X
B
REF.
(Nd-1)Xe
(Ne-1)Xe
REF.
5
A1
4X P
A
C
C
4X P
B
2X
A
C
0.15
A2
A3
D2
D2
E2
E2/2
TERMINAL TIP
SIDE VIEW
TOP VIEW
7
BOTTOM VIEW
7
5
C
L
C
L
e
e
E1
2
NX k
NX b
8
NX L
8
8
9
AREA
9
4X
0.10 C
/ /
9
(DATUM B)
(DATUM A)
AREA
INDEX
6
AREA
N
9
CORNER
OPTION 4X
L1
L
10
L1
L
10
L16.3x3
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.18
0.23
0.30
5, 8
D
3.00 BSC
-
D1
2.75 BSC
9
D2
1.35
1.50
1.65
7, 8, 10
E
3.00 BSC
-
E1
2.75 BSC
9
E2
1.35
1.50
1.65
7, 8, 10
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N16
2
Nd
4
3
Ne
4
3
P-
-
0.60
9
θ
--
12
9
Rev. 1 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.
10. Compliant to JEDEC MO-220VEED-2 Issue C, except for the E2
and D2 MAX dimension.


Similar Part No. - ISL83699IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83699IRZ-T INTERSIL-ISL83699IRZ-T Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL83699IRZ-T RENESAS-ISL83699IRZ-T Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL83699IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com