Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64SIZ-70 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28HC64SIZ-70
Description  5 Volt, Byte Alterable EEPR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64SIZ-70 Datasheet(HTML) 4 Page - Intersil Corporation

  X28HC64SIZ-70 Datasheet HTML 1Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 2Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 3Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 4Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 5Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 6Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 7Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 8Page - Intersil Corporation X28HC64SIZ-70 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN8109.3
August 18, 2015
DATA Polling (I/O7)
The X28HC64 features DATA Polling as a method to indicate
to the host system that the byte write or page write cycle has
completed. DATA Polling allows a simple bit test operation to
determine the status of the X28HC64, eliminating additional
interrupt inputs or external hardware. During the internal
programming cycle, any attempt to read the last byte written
will produce the complement of that data on I/O7 (i.e. write
data = 0xxx xxxx, read data = 1xxx xxxx). Once the
programming cycle is complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28HC64 also provides another method for determining
when the internal write cycle is complete. During the internal
programming cycle I/O6 will toggle from HIGH to LOW and
LOW to HIGH on subsequent attempts to read the device.
When the internal cycle is complete the toggling will cease
and the device will be accessible for additional read or write
operations.
DATA Polling I/O7
DATA Polling can effectively reduce the time for writing to the
X28HC64. The timing diagram in Figure 2 illustrates the
sequence of events on the bus. The software flow diagram in
Figure 3 illustrates one method of implementing the routine.
CE
OE
WE
I/O7
X28HC64
Ready
Last
Write
HIGH Z
VOL
VIH
A0–A12
An
An
An
An
An
An
VOH
An
FIGURE 2. DATA POLLING BUS SEQUENCE
WRITE DATA
SAVE LAST DATA
AND ADDRESS
READ LAST
ADDRESS
IO7
COMPARE?
NO
YES
WRITES
COMPLETE?
NO
YES
READY
FIGURE 3. DATA POLLING SOFTWARE FLOW
X28HC64


Similar Part No. - X28HC64SIZ-70

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64SIZ-70 INTERSIL-X28HC64SIZ-70 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC64SIZ-70 RENESAS-X28HC64SIZ-70 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64SIZ-70

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com