Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84782IRZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84782IRZ-T
Description  Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84782IRZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84782IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL84782IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6097.3
November 17, 2004
Pinouts (Note 1)
ISL84782IV (TSSOP)
TOP VIEW
ISL84782IR (3x3 THIN QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Inputs.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A2
COMA
A3
A1
INH
GND
N.C.
V+
B1
COMB
B0
B3
ADD1
ADD0
B2
LOGIC
COMA
A3
A1
INH
B1
COMB
B0
B3
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Truth Table
ISL84782
INH
ADD0
ADD1
SWITCH ON
1
X
X
None
00
0
A0, B0
00
1
A1, B1
01
0
A2, B2
01
1
A3, B3
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V, with a 3V supply.
X = Don’t Care.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (1.6V to 3.6V)
N.C.
No Connect. Not internally connected.
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COMA
Analog Switch Channel A Output
COMB
Analog Switch Channel B Output
A0-A3
Analog Switch Channel A Input
B0-B3
Analog Switch Channel B Input
ADDx
Address Input Pin
Ordering Information
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG.
#
ISL84782IV
-40 to 85
16 Ld TSSOP
M16.173
ISL84782IV-T
-40 to 85
16 Ld TSSOP
Tape & Reel
M16.173
ISL84782IR
-40 to 85
16 Ld 3x3 Thin QFN L16.3x3A
ISL84782IR-T
-40 to 85
16 Ld 3x3 Thin QFN
Tape & Reel
L16.3x3A
ISL84782IVZ
(See Note)
-40 to 85
16 Ld TSSOP
(Pb-free)
M16.173
ISL84782IVZ-T
(See Note)
-40 to 85
16 Ld TSSOP
Tape and Reel
(Pb-free)
M16.173
ISL84782IRZ
(See Note)
-40 to 85
16 Ld 3x3 Thin QFN
(Pb-free)
L16.3x3A
ISL84782IRZ-T
(See Note)
-40 to 85
16 Ld 3x3 Thin QFN
Tape and Reel
(Pb-free)
L16.3x3A
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
ISL84782


Similar Part No. - ISL84782IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84782IRZ-T INTERSIL-ISL84782IRZ-T Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL84782IRZ-T RENESAS-ISL84782IRZ-T Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

Similar Description - ISL84782IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com