Electronic Components Datasheet Search |
|
X28HC64SIZ-12 Datasheet(PDF) 9 Page - Intersil Corporation |
|
X28HC64SIZ-12 Datasheet(HTML) 9 Page - Intersil Corporation |
9 / 18 page 9 FN8109.3 August 18, 2015 Absolute Maximum Ratings Thermal Information Temperature Under Bias X28HC64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C X28HC64I. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Voltage on any Pin with Respect to Vss . . . . . . . . . . . . . . -1V to +7V DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. Recommended Operating Conditions Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C Industrial Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +85°C Supply Voltage Range X28HC64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10% CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. DC Electrical Specifications Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. PARAMETER SYMBOL TEST CONDITIONS MIN TYP (Note 3) MAX UNIT VCC Current (active) (TTL Inputs) ICC CE = OE = VIL, WE = VIH, All I/O’s = open, address inputs = TTL levels @ f = 10 MHz 15 40 mA VCC Current (Standby) (TTL Inputs) ISB1 CE = VIH, OE = VIL All I/O’s = open, other inputs = VIH 12 mA VCC Current (Standby) (CMOS Inputs) ISB2 CE = VCC - 0.3V, OE = GND, All I/O’s = open, other inputs = VCC - 0.3V 100 200 µA Input Leakage Current ILI VIN = VSS to VCC ±10 µA Output Leakage Current ILO VOUT = VSS to VCC, CE = VIH ±10 µA Input LOW Voltage (Note 4) VlL -1 0.8 V Input HIGH Voltage (Note 4) VIH 2VCC + 1 V Output LOW Voltage VOL IOL = 5mA 0.4 V Output HIGH Voltage VOH IOH = -5mA 2.4 V NOTES: 3. Typical values are for TA = +25°C and nominal supply voltage 4. VIL min. and VIH max. are for reference only and are not tested. Endurance and Data Retention Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. PARAMETER MIN MAX UNIT Minimum Endurance 100,000 Cycles Data Retention 100 Years X28HC64 |
Similar Part No. - X28HC64SIZ-12 |
|
Similar Description - X28HC64SIZ-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |