Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


MCP6001ISN Datasheet(PDF) 5 Page - Microchip Technology

Part No. MCP6001ISN
Description  1 MHz Bandwidth Low Power Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

 
 5 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 5
MCP6001/2/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 10 kΩ to VDD/2, and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 1.8V.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD = 5.5V.
FIGURE 2-10:
Input Offset Voltage Drift
Histogram.
FIGURE 2-11:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-12:
Output Short-Circuit Current
vs. Ambient Temperature.
10
100
1,000
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Eni = 6.1 µVP-P,
f = 0.1 to 10 Hz
0.1
10
1
100
10k
1k
100k
-700
-600
-500
-400
-300
-200
-100
0
Common Mode Input Voltage (V)
VDD = 1.8V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
-700
-600
-500
-400
-300
-200
-100
0
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
VDD = 5.5V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
Input Offset Voltage Drift (µV/°C)
1225 Samples
VCM = VSS
TA = -40°C to +125°C
-200
-150
-100
-50
0
50
100
150
200
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 1.8V
VCM = VSS
VDD = 5.5V
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
-ISC, VDD = 1.8V
+ISC, VDD = 1.8V
+ISC, VDD = 5.5V
-ISC, VDD = 5.5V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD9833+2.5 V to +5.5 V 25 MHz Low Power CMOS Complete DDS 1 2 3 4 5 MoreAnalog Devices
HS-1410RHRadiation Hardened High Speed Low Power Current Feedback Op Amp with Output Disable 1 2 Intersil Corporation
LT1097Low Cost Low Power Precision Op Amp 1 2 3 4 5 MoreLinear Technology
EL2001CLow Power 70 MHz Buffer Amplifier 1 2 3 4 5 MoreElantec Semiconductor
LT17842.5MHz Over-The-Top Low Power Rail-to-Rail Input and Output Op Amp in SOT-23 1 2 3 4 5 MoreLinear Technology
DS53-0005Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz 1 2 Tyco Electronics
PE93121500 MHz Low Power UltraCMOS™ Divide-by-4 Prescaler Rad hard for Space Applications 1 2 3 4 5 MorePeregrine Semiconductor Corp.
LM6132Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
P87C654X280C51 8-bit microcontroller family 16 kB OTP/ROM 256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz 1 2 3 4 5 MoreNXP Semiconductors
AD515AMonolithic Precision Low Power FET-Input Electrometer Op Amp 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl