Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC926T Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16LC926T
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC926T Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16LC926T Datasheet HTML 3Page - Microchip Technology PIC16LC926T Datasheet HTML 4Page - Microchip Technology PIC16LC926T Datasheet HTML 5Page - Microchip Technology PIC16LC926T Datasheet HTML 6Page - Microchip Technology PIC16LC926T Datasheet HTML 7Page - Microchip Technology PIC16LC926T Datasheet HTML 8Page - Microchip Technology PIC16LC926T Datasheet HTML 9Page - Microchip Technology PIC16LC926T Datasheet HTML 10Page - Microchip Technology PIC16LC926T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 5
PIC16C925/926
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
1.
PIC16C925
2.
PIC16C926
The PIC16C925/926 series is a family of low cost, high
performance, CMOS, fully static, 8-bit microcontrollers
with an integrated LCD Driver module, in the
PIC16CXXX mid-range family.
For the PIC16C925/926 family, there are two device
“types” as indicated in the device number:
1.
C, as in PIC16C926. These devices operate
over the standard voltage range.
2.
LC, as in PIC16LC926. These devices operate
over an extended voltage range.
These devices come in 64-pin and 68-pin packages, as
well as die form. Both configurations offer identical
peripheral devices and other features. The only differ-
ence between the PIC16C925 and PIC16C926 is the
additional EPROM and data memory offered in the lat-
ter. An overview of features is presented in Table 1-1.
A UV-erasable, CERQUAD packaged version (compat-
ible with PLCC) is also available for both the
PIC16C925 and PIC16C926. This version is ideal for
cost effective code development.
A block diagram for the PIC16C925/926 family archi-
tecture is presented in Figure 1-1.
TABLE 1-1:
PIC16C925/926 DEVICE FEATURES
Features
PIC16C925
PIC16C926
Operating Frequency
DC-20 MHz
DC-20 MHz
EPROM Program Memory (words)
4K
8K
Data Memory (bytes)
176
336
Timer Module(s)
TMR0,TMR1,TMR2
TMR0,TMR1,TMR2
Capture/Compare/PWM Module(s)
1
1
Serial Port(s)
(SPI/I2C, USART)
SPI/I2C
SPI/I2C
Parallel Slave Port
——
A/D Converter (10-bit) Channels
5
5
LCD Module
4 Com, 32 Seg
4 Com, 32 Seg
Interrupt Sources
9
9
I/O Pins
25
25
Input Pins
27
27
Voltage Range (V)
2.5-5.5
2.5-5.5
In-Circuit Serial Programming
Yes
Yes
Brown-out Reset
Yes
Yes
Packages
64-pin TQFP
68-pin PLCC
68-pin CLCC (CERQUAD)
Die
64-pin TQFP
68-pin PLCC
68-pin CLCC (CERQUAD)
Die


Similar Part No. - PIC16LC926T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LC923 MICROCHIP-PIC16LC923 Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
PIC16LC923-04/CL MICROCHIP-PIC16LC923-04/CL Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
PIC16LC923-04/L MICROCHIP-PIC16LC923-04/L Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
PIC16LC923-04/PT MICROCHIP-PIC16LC923-04/PT Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
PIC16LC923-04/SP MICROCHIP-PIC16LC923-04/SP Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
More results

Similar Description - PIC16LC926T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C925 MICROCHIP-PIC16C925_13 Datasheet
2Mb / 180P
   64/68-Pin CMOS Microcontrollers with LCD Driver
11/29/12 2001-2013
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC16F1946 MICROCHIP-PIC16F1946_11 Datasheet
3Mb / 448P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2011
PIC16LF1946 MICROCHIP-PIC16LF1946_13 Datasheet
5Mb / 478P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
PIC16F1946 MICROCHIP-PIC16F1946 Datasheet
4Mb / 440P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com