Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1107 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1107
Description  300mA CMOS LDO with Shutdown and VREF Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1107 Datasheet(HTML) 5 Page - Microchip Technology

  TC1107 Datasheet HTML 1Page - Microchip Technology TC1107 Datasheet HTML 2Page - Microchip Technology TC1107 Datasheet HTML 3Page - Microchip Technology TC1107 Datasheet HTML 4Page - Microchip Technology TC1107 Datasheet HTML 5Page - Microchip Technology TC1107 Datasheet HTML 6Page - Microchip Technology TC1107 Datasheet HTML 7Page - Microchip Technology TC1107 Datasheet HTML 8Page - Microchip Technology TC1107 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21356B-page 5
TC1107
4.0
THERMAL CONSIDERATIONS
4.1
Thermal Shutdown
Integrated
thermal
protection
circuitry
shuts
the
regulator off when die temperature exceeds 150°C.
The regulator remains off until the die temperature
drops to approximately 140°C.
4.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input and output voltage, and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 4-1:
The maximum allowable power dissipation (Equation
4-2) is a function of the maximum ambient temperature
(TAMAX), the maximum allowable die temperature
(TJMAX) and the thermal resistance from junction-to-air
(
θJA). The 8-Pin SOIC package has a θJA of
approximately 160°C/Watt, while the 8-Pin MSOP
package has a
θJA of approximately 200°C/Watt.
EQUATION 4-2:
Equation 4-1 can be used in conjunction with Equation
4-2 to ensure regulator thermal operation is within
limits. For example:
Given:
VINMAX
= 3.0V + 10%
VOUTMIN = 2.7V – 2.5%
ILOADMAX = 250mA
TJMAX
= 125°C
TAMAX
= 55°C
8-Pin MSOP Package
Find: 1. Actual power dissipation
2. Maximum allowable dissipation
Actual power dissipation:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
= [(3.0 x 1.1) – (2.7 x .975)]250 x 10–3
=167mW
Maximum allowable power dissipation:
In this example, the TC1107 dissipates a maximum of
167mW; below the allowable limit of 318mW. In a
similar manner, Equation 4-1 and Equation 4-2 can be
used to calculate maximum current and/or input
voltage limits.
4.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and therefore
increase the maximum allowable power dissipation
limit.
Where:
PD ≈ (VINMAX –VOUTMIN)ILOADMAX
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PDMAX =(TJMAX –TAMAX)
θJA
Where all terms are previously defined.
PDMAX =(TJMAX –TAMAX)
θJA
= (125 – 55)
220
= 318mW


Similar Part No. - TC1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results

Similar Description - TC1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com