Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2113AW-ESR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CMT2113AW-ESR
Description  Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2113AW-ESR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CMT2113AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 13Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 14Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CMT2113AW
Rev 0.8 | Page 11/26
www.hoperf.com
4.2 FCC/ETSI Compliant Application Schematic
DATA
U1
XTAL
VDD
GND
RFO
1
2
3
5
6
X1
4
CLK
DATA
C0
VDD
DATA
CLK
J1
VDD
1
2
3
4
CMT2113AW
Note: Connector J1 is for
EEPROM Programming
C1
L2
L1
C2
VDD
C3
L3
ANT
CLK
Figure 10. FCC/ETSI Compliant Application Schematic
Notes:
1.
Connector J1 is a must for the CMT2113AW EEPROM access during development or manufacture.
2.
The general layout guidelines are listed below. For more design details, please refer to “AN101 CMT211xA Schematic and
PCB Layout Design Guideline”.
Use as much continuous ground plane metallization as possible.
Use as many grounding vias (especially near to the GND pins) as possible to minimize series parasitic inductance
between the ground pour and the GND pins.
Avoid using long and/or thin transmission lines to connect the components.
Avoid placing the nearby inductors in the same orientation to reduce the coupling between them.
Place C0 as close to the CMT2113AW as possible for better filtering.
3.
The table below shows the BOM of 315/433.92 MHz FCC/ETSI Compliant Application. For the BOM of other applications,
please refer to “AN101 CMT211xA Schematic and PCB Layout Design Guideline”.
Table 8. BOM of 315/433.92 MHz FCC/ETSI Compliant Application
Designator
Descriptions
Value
Unit
Manufacturer
315 MHz
433.92 MHz
U1
CMT2113AW, low-cost 240 – 480 MHz
(G)FSK/OOK transmitter
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm crystal
26
MHz
EPSON
C0
±20%, 0402 X7R, 25 V
0.1
uF
Murata GRM15
C1
±5%, 0402 NP0, 50 V
68
68
pF
Murata GRM15
C2
±5%, 0402 NP0, 50 V
18
15
pF
Murata GRM15
C3
±5%, 0402 NP0, 50 V
18
15
pF
Murata GRM15
L1
±5%, 0603 multi-layer chip inductor
180
180
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip inductor
62
36
nH
Murata LQG18
L3
±5%, 0603 multi-layer chip inductor
27
18
nH
Murata LQG18


Similar Part No. - CMT2113AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
More results

Similar Description - CMT2113AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
   240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com