Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1142 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 2 Page - Microchip Technology

  TC1142 Datasheet HTML 1Page - Microchip Technology TC1142 Datasheet HTML 2Page - Microchip Technology TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1142
DS21360B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VIN) with COUT Connected ..........6.5V
CCLK Voltage................................-0.3V to (V+ + 0.3V)
Power Dissipation.............................................320mW
Operating Temperature Range
8-Pin MSOP ................................. -40°C to +85°C
Storage Temperature Range ..............-65°C to +160°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1142 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: RL = ∞, VIN = 3.2V, Mode = -2x, C1 = C2 = 0.47µF (Note 1), CCLK = VIH, COUT = 4.7µF, for VR = 3V,
VIN = 3.5V, TA = TMIN to TMAX, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Supply Voltage
2.5
5.5
V
VOUT
Output Voltage
-(VR + 0.2)
-VR
-(VR – 0.2)
V
IL = 0mA (Note 2)
VP-P
Output Ripple
100
mV
IL = 10mA
ISUPPLY
Supply Current
200
400
µA
ISUPPLY1
0.1
1
µACCLK = 0V
ROUTCL
Closed-Loop Output Resistance
26
ROUT
Open-Loop Output Resistance
30
(Note 3)
fOSC
Internal Oscillator Frequency
150
200
275
kHz
fCCLK
External Clock Frequency, Typical
3
500
kHz
(Note 4)
PEFF
Power Efficiency
70
76
%IL = 10mA, VR = 5V; (See Equation 3-5)
VIH
CCLK Input High Threshold
2.2
——
V
VIL
CCLK Input Low Threshold
——
1.0
V
Note
1:
Assume C1 and C2 have an ESR of 1
Ω.
2:
VR is the voltage output specified in the ordering option.
3:
Measured in -1x Mode. For VR = 3V, VIN = 2.5V.
4:
CCLK is driven with an external clock. Minimum frequency = 1/2t0 at 50% duty cycle, where t0 is the counter timeout period.


Similar Part No. - TC1142

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TC114-2830-L-S SAMTEC-TC114-2830-L-S Datasheet
209Kb / 2P
   ACCLIMATE DISCRETE WIRE TERMINAL
logo
SeCoS Halbleitertechnol...
TC114TSA SECOS-TC114TSA Datasheet
199Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
TC114WSA SECOS-TC114WSA Datasheet
386Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
TC114YSA SECOS-TC114YSA Datasheet
255Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - TC1142

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
   TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com