Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2150AW-ESR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CMT2150AW-ESR
Description  240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2150AW-ESR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CMT2150AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2150AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CMT2150AW
Rev 0.8 | Page 8/31
www.hoperf.com
2. Pin Descriptions
1
2
3
4
5
6
7
14
13
12
10
9
8
11
LED
VDD
GND
RFO
K7
K6
K5
XTAL
CLK
DATA
K1
K2
K3
K4
Figure 2. CMT2150AW Pin Assignments
Table 6. CMT2150AW Pin Descriptions
Pin Number
Name
I/O
Descriptions
1
LED
O
LED driver, active low
2
VDD
I
Power supply input
3
GND
I
Ground
4
RFO
O
Power amplifier output
5 - 11
K[7:1]
I
Push button 7 to 1
12
DATA
IO
Data pin to access the embedded EEPROM, internally pulled up to VDD
13
CLK
I
Clock pin to access the embedded EEPROM, internally pulled up to VDD
14
XTAL
I
26 MHz single-ended crystal oscillator input or
External 26 MHz reference clock input


Similar Part No. - CMT2150AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESB ETC2-CMT2157AW-ESB Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
More results

Similar Description - CMT2150AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
   Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com