Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2150AW-ESB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMT2150AW-ESB
Description  240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2150AW-ESB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMT2150AW-ESB Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2150AW-ESB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CMT2150AW
Rev 0.8 | Page 1/31
www.hoperf.com
CMT2150AW
240 – 480 MHz OOK Stand-Alone Transmitter with Encoder
Copyright © By CMOSTEK
Features
Embedded EEPROM
 Very Easy Development with RFPDK
 All Features Programmable
Frequency Range: 240 to 480 MHz
Symbol Rate: 0.5 to 40 ksps
Output Power: -10 to +13 dBm
Current Consumption: 8.5 mA @ +10 dBm
Sleep Current: < 20 nA
Stand-Alone, No External MCU Control Required
Embedded 1920, 1527 and 2262 Data Encoder
Up to 7 Configurable Data Pins for Push Buttons
LED Indicator for Low Battery Detection and Transmission
Sync ID Auto-Study with CMOSTEK Receiver
FCC / ETSI Compliant
RoHS Compliant
14-pin SOP Package
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
Remote Fan Controllers
Infrared Transmitter Replacements
Industrial Monitoring and Controls
Remote Lighting Control
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)
Descriptions
The CMT2150AW is a true single-chip, highly flexible, high
performance, OOK RF transmitter with embedded data
encoder ideal for 240 to 480 MHz wireless applications.
The device integrates a data encoder that is not only
compatible with the most common used encoding format of
1527 and 2262, but also a more efficient, flexible and
powerful format of 1920 designed by CMOSTEK. Up to 7
configurable push buttons are supported in multiple button
modes. When pairing the device to CMOSTEK receiver,
the synchronization ID can be programmed into both of the
transmitter and receiver during the manufacturing phase,
or studied by the receiver from the transmitter remotely by
end customers. An embedded EEPROM allows the RF and
encoder parameters to be programmed into the chip using
the CMOSTEK USB Programmer and the RFPDK.
Alternatively, in stock product of 433.92 MHz is available
for immediate demands without the need of EEPROM
programming. The CMT2150AW is part of the CMOSTEK
NextGenRF
TM
family, together with CMT225x series
receivers,
they
enable
ultra
low
cost,
low
power
consumption RF links.
Ordering Information
Part Number
Frequency
Package
Option
MOQ
CMT2150AW-ESR
433.92 MHz
T&R
2,500 pcs
CMT2150AW-ESB
433.92 MHz
Tube
1,000 pcs
More Ordering Info: See Page 26
1
2
3
4
5
6
7
14
13
12
10
9
8
11
LED
VDD
GND
RFO
K7
K6
K5
XTAL
CLK
DATA
K1
K2
K3
K4
CMT2150AW
SOP14


Similar Part No. - CMT2150AW-ESB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESB ETC2-CMT2157AW-ESB Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
More results

Similar Description - CMT2150AW-ESB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
   Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com