Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT2189AW-ESR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CMT2189AW-ESR
Description  240 ??960 MHz SoC OOK/(G)FSK Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2189AW-ESR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CMT2189AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2189AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2189AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2189AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CMT2180/89AW
Rev 0.9 | Page 3 / 4
www.hoperf.com
Table 2. BOM of 433.92 MHz Application with Single-ended PA Output
Designator
Descriptions
Value
Unit
Manufacturer
U1
CMT2180/89AW, 240 – 960 MHz SoC OOK/(G)FSK
transmitter
-
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm crystal
26
MHz
EPSON
SW[3:0]
Push buttons
-
-
D1
MBR0520LT1, SOD123
-
-
IR
R1
±5%, 0402
10k
Ω
C0
±20%, 0402 X7R, 25 V
0.1
uF
Murata GRM15
C1
±5%, 0402 NP0, 50 V
68
pF
Murata GRM15
C2
±5%, 0402 NP0, 50 V
15
pF
Murata GRM15
C3
±5%, 0402 NP0, 50 V
15
pF
Murata GRM15
L1
±5%, 0603 multi-layer chip inductor
180
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip inductor
36
nH
Murata LQG18
L3
±5%, 0603 multi-layer chip inductor
18
nH
Murata LQG18
Table 3. CMT2180/89AW Pin Descriptions
Pin Number
Name
I/O
Descriptions
1
VDD
I
Power supply input
2
GND
I
Ground
3
PAP
O
The differential power amplifier output, when using as singled-ended output, PAN/PAP
should be connected together before connect to the matching network
4
PAN
O
5
CLK
I
Clock1 for the chip programming, internally pulled up to VDD
6
K3/VTG
I
Push button key 3 or voltage for the chip programming
7
K2
I
Push button key 2
8
K1/CLK2
I
Push button key 1 or clock2 for the chip programming
9
K0/DATA2
IO
Push button key 0 or data2 for the chip programming
10
GND
I
Ground
11
VDD
I
Power supply input
12
DATA
IO
Data1 for the chip programming
Pulled up internally to VDD when configured as Transmission Enabled by DATA Pin
Rising Edge and used as input pin
13
GND
I
Ground
14
XTAL
I
26 MHz single-ended crystal oscillator input or external 26 MHz reference clock input


Similar Part No. - CMT2189AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
More results

Similar Description - CMT2189AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
   240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com