Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT519-1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SOT519-1
Description  SSOP16 Reel pack, SMD, 13
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT519-1 Datasheet(HTML) 3 Page - NXP Semiconductors

  SOT519-1 Datasheet HTML 1Page - NXP Semiconductors SOT519-1 Datasheet HTML 2Page - NXP Semiconductors SOT519-1 Datasheet HTML 3Page - NXP Semiconductors SOT519-1 Datasheet HTML 4Page - NXP Semiconductors SOT519-1 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SOT519-1_118
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Packing information
Rev. 1 — 20 October 2015
3 of 5
NXP Semiconductors
SOT519-1
SSOP16; Reel pack, SMD, 13"
Q1/T1 standard product orientation
Orderable part number ending ,118 or J
Ordering code (12NC) ending 118
4.
Reel dimensions
Fig 4.
Schematic view of reel
Table 3.
Reel dimensions
In accordance with IEC 60286-3.
A [nom]
(mm)
W2 [max]
(mm)
B [min]
(mm)
C [min]
(mm)
D [min]
(mm)
330
18.4
1.5
12.8
20.2
detail Z
B
001aao149
W2
Ø C
Ø D
A
Z


Similar Part No. - SOT519-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT513-1 PHILIPS-SOT513-1 Datasheet
15Kb / 2P
   PC BOARD FOORTPRINT
2001 Feb 16
More results

Similar Description - SOT519-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT782-1 PHILIPS-SOT782-1 Datasheet
266Kb / 4P
   HVSON8 reel pack SMD 13
Rev. 2-6 May 2013
logo
Zentrum Mikroelektronik...
MDS756 ZMD-MDS756 Datasheet
154Kb / 1P
   Package SSOP16
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
   Package SSOP16
logo
NXP Semiconductors
SOT403-1_623 PHILIPS-SOT403-1_623 Datasheet
269Kb / 4P
   TSSOP16 Reel pack SMD, 13 Q1 Standard product orientation Orderable part number ending, 623 or XP Ordering code (12NC) ending 623
Rev. 1-14 May 2013
SOT403-1_653 PHILIPS-SOT403-1_653 Datasheet
269Kb / 4P
   TSSOP16 Reel pack SMD, 13 Q1 Standard product orientation Orderable part number ending, 653 or HL Ordering code (12NC) ending 653
Rev. 1-14 May 2013
SOT616-1_128 PHILIPS-SOT616-1_128 Datasheet
191Kb / 4P
   HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,128or J Ordering code (12NC) ending 128
Rev. 1-16 July 2014
SOT788-1_118 PHILIPS-SOT788-1_118 Datasheet
188Kb / 4P
   HVQFN28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-18 April 2013
SOT662-1_118 PHILIPS-SOT662-1_118 Datasheet
271Kb / 4P
   HVQFN20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-18 April 2013
SOT96-1_118 PHILIPS-SOT96-1_118 Datasheet
237Kb / 4P
   SO8 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT1172-2_118 PHILIPS-SOT1172-2_118 Datasheet
193Kb / 4P
   HTSSOP28 Reel pack SMD 13 Q1/T1 Standard product orientation Orderable part number ending 118 or J Ordering code (12NC) ending 118
Rev. 1-12 April 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com