Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM68CW-315S2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RFM68CW-315S2
Description  Low Cost ISM Transmitter Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM68CW-315S2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RFM68CW-315S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM68CW-315S2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
RFM68CW
RFM68CW
6
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
2.4. Electrical Specifications
The table below gives the electrical specifications of the transmitter under the following conditions: Supply voltage = 3.3 V,
temperature = 25 °C, fXOSC = 26 MHz, fRF = 915 MHz, 2-FSK modulation with Fdev=+/-10 kHz, bit rate = 10 kbit/s and
output power = +10 dBm terminated in a matched 50 Ohm impedance, unless otherwise specified.
Table 4
Transmitter Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
Current Consumption
IDDSL
Supply current in Sleep mode
-
0.5
1
µA
IDDT_315
Supply current in Transmit mode
at 315 MHz*
RFOP=+10dBm 50% OOK
RFOP=+10dBm FSK
RFOP=0dBm
FSK
-
-
-
11
15
9
-
-
-
mA
mA
mA
IDDT_915
Supply current in Transmit mode
at 915 MHz*
RFOP=+10dBm FSK
RFOP=0dBm
FSK
-
-
17.5
10.5
-
-
mA
mA
RF and Baseband Specifications
Band0,For 315MHz Module
312
380
MHz
Band0,For 433MHz Module
380
450
MHz
Band0,For 868MHz Module
860
870
MHz
FBAND
Operation Frequency Bands
Band1,For 915MHz Module
902
928
MHz
FDA
Frequency deviation, FSK
10
-
200
kHz
BRF
Bit rate, FSK
Permissible Range
0.5
-
100
kbps
BRO
Bit rate, OOK
Permissible Range
0.5
-
10
kbps
OOK_B
OOK Modulation Depth
-
45
-
dB
RFOP
RF output power in 50 Ohms
in either frequency band
High Power Setting
Low Power Setting*
7
-3
10
0
-
-
dBm
dBm
RFOPFL
RF output power flatness
From 315 to 380 MHz, 50 Ohms load
-
2
-
dB
DRFOPV
Variation in RF output power with
supply voltage
2.5 V to 3.3 V
1.8 V to 3.7 V
-
-
-
-
3
7
dB
dB
PHN
Transmitter phase noise
At offset:
100 kHz
350 kHz
550 kHz
1.15 MHz
-
-
-
-
-82
-92
-96
-103
-76
-81
-91
-101
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
STEP_22
RF frequency step
FXOSC = 24 MHz,for 315MHz module
-
1.46484
-
kHz
STEP_26
RF frequency step
FXOSC = 26MHz, for 433,868MHz
module
-
1.58691
-
kHz
STEP_26
RF frequency step
FXOSC = 26MHz, for 915MHz module
3.17383
-
kHz


Similar Part No. - RFM68CW-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW-315S2 HOPE-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results

Similar Description - RFM68CW-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
SI4313 SILABS-SI4313 Datasheet
489Kb / 52P
   Si4313 LOW-COST ISM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com