Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM68W-433S2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RFM68W-433S2
Description  Low Cost ISM Transmitter Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM68W-433S2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RFM68W-433S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM68W-433S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
RFM68W
RFM68W
4
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
1.3.
Pin Description
Table 1
Description of the RFM68W
Pin Diagram (TOP)
Pin Description
Number
Name
Type
Description
1
GND
I
Exposed Pad, Ground
2
VCC
I
Power Supply 1.8V to 3.7V
3
NC
-
Connect to GND
4
NC
-
Connect to GND
5
GND
I
Exposed Pad, Ground
6
ANT
O
Transmitter RF Output
7
GND
I
Exposed Pad, Ground
8
NRESET
I
Reset (Optional, can be left floating)
9
DATA
I/O
Transmit or Configuration Data
10
CTRL
I
Config Selection
Configuration Data Clock
11
GND
I
Exposed Pad, Ground
12
TX_READY
O
Transmitter Ready Flag (Optional, can be left floating)
13
NC
-
Connect to GND
14
NC
-
Connect to GND


Similar Part No. - RFM68W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68W-433S2 HOPE-RFM68W-433S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results

Similar Description - RFM68W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
SI4313 SILABS-SI4313 Datasheet
489Kb / 52P
   Si4313 LOW-COST ISM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com