Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM96W-433S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM96W-433S2
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM96W-433S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM96W-433S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM96W-433S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
Page 1
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
RFM95/96/97/98(W)
RFM95/96/97/98(W) - Low Power Long Range Transceiver Module
V1.0
GENERAL DESCRIPTION
The
RFM95/96/97/98(W) transceivers
feature
the
LoRaTM   long range modem that provides ultra-long range
spread spectrum communication and high interference
immunity whilst minimising current consumption.
Using Hope RF’s patented LoRaTM  modulation technique
RFM95/96/97/98(W) can achieve a sensitivity of over -
148dBm using a low cost crystal and bill of materials. The
high sensitivity combined with the integrated +20 dBm
power amplifier yields
industry
leading
link
budget
making it optimal for any application requiring range or
robustness. LoRaTM  also provides significant advantages in
both blocking and selectivity over conventional modulation
techniques, solving the traditional design compromise
between
range,
interference
immunity
and
energy
consumption.
These devices also support high performance (G)FSK
modes for systems including WMBus, IEEE802.15.4g. The
RFM95/96/97/98(W) deliver exceptional phase noise,
selectivity, receiver linearity and IIP3 for significantly
lower current consumption than competing devices.
KEY PRODUCT FEATURES
LoRaTM Modem.
168 dB maximum link budget.
+20 dBm - 100 mW constant RF output vs. V supply.
+14 dBm high efficiency PA.
Programmable bit rate up to 300 kbps.
High sensitivity: down to -148 dBm.
Bullet-proof front end: IIP3 = -12.5 dBm.
Excellent blocking immunity.
Low RX current of 10.3 mA, 200 nA register retention.
Fully integrated synthesizer with a resolution of 61 Hz.
FSK, GFSK, MSK, GMSK, LoRaTM and OOK modulation.
Built-in bit synchronizer for clock recovery.
Preamble detection.
127 dB Dynamic Range RSSI.
Automatic RF Sense and CAD with ultra-fast AFC.
Packet engine up to 256 bytes with CRC.
Built-in temperature sensor and low battery indicator.
Modue Size:16*16mm
APPLICATIONS
Automated Meter Reading.
Home and Building Automation.
Wireless Alarm and Security Systems.
Industrial Monitoring and Control
Long range Irrigation Systems
RFM95/96/97/98(W)


Similar Part No. - RFM96W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM96W-433S2 HOPE-RFM96W-433S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
More results

Similar Description - RFM96W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com