Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM83C-433D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RFM83C-433D
Description  ASK/OOK Super-heterodyne receiver module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM83C-433D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RFM83C-433D Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM83C-433D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RFM83C/83CL V3.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
7. Ordering information
RFM83 L - 433 D-A
module shape(Note 1)
Blank: Standard shape
“A”:Shape A ; “B”:Shape B
“C”:Shape C; “D”:Shape D
Package type(note 2)
“D”:DIP
“S1” SMD
Operating frequency(note 3)
“433”:433.92MHZ
“315”:315.00MHZ
Operating voltage:
“L”: 2.1-3.6V
Blank: 3.6-5.5V
Module type
Note1: Standard shape type is HopeRF’s origin design. Other shape type A/B/C/D are designed in
order to pin to pin replace other companies’ module. If customer cann’t find pin to pin replacement
module, we can make custom design.
Note 2: Only standard Shape type has SMD package.
Note 3: Besides 315Mhz and 433.92Mhz,we can customize other frequencies between 300mhz and
440Mhz according to customer requirements.
7


Similar Part No. - RFM83C-433D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
More results

Similar Description - RFM83C-433D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
   Low Power Super-heterodyne OOK/ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
logo
Princeton Technology Co...
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
   Ultra-Low Power OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com