Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM213W-315S1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM213W-315S1
Description  Low-Cost Consumer Electronics Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM213W-315S1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM213W-315S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM213W-315S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RFM213W
E‐mail:sales@hoperf.com        website://www.hoperf.com                                    Rev 1.0 | Page 1/20
Features
Embedded EEPROM
Very Easy Development with RFPDK
All Features Programmable
Frequency Range: 300 to 480 MHz
FSK, GFSK and OOK Demodulation
Symbol Rate: 0.1 to 100 ksps
Sensitivity: -111 dBm @ 9.6 ksps, FSK, 433.92 MHz
3-wire SPI Interface for EEPROM Programming
Stand-Alone, No External MCU Control Required
Configurable Duty-Cycle Operation Mode
Supply Voltage: 1.8 to 3.6 V
Low Power Consumption: 4.3 mA @ 433.92 MHz, FSK
Low Sleep Current
60 nA when Sleep Timer Off
440 nA when Sleep Timer On
RoHS Compliant
Module Size:32*11*5.0mm
RFM213W
Descriptions
The RFM213W is an ultra low power, high performance,
low-cost (G)FSK/OOK stand-alone RF receiver for various
300 to 480 MHz wireless applications. It is part of the
CMOSTEK
NextGenRFTM
family,
which includes
a
complete line of transmitters, receivers and transceivers. An
embedded EEPROM allows the frequency, symbol rate and
other features to be programmed into the device using the
CMOSTEK USB Programmer and RFPDK. Alternatively, in
stock products of 433.92 MHz is available for immediate
demands with no need of EEPROM programming. The
RFM213W operates from a supply voltage of 1.8 V to
3.6
V, when it is always on, it consumes only 4.3 mA current
while achieving -111 dBm receiving sensitivity. It consumes
even less power when working in duty-cycle operation
mode via the built-in sleep timer. The device provides
demodulated data, power-on reset output as well as a
system clock output for use by an external microcontroller
or decoder. The RFM213W receiver together with
the
RFM113 transmitter enables an ultra low cost RF link.
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
Infrared Receiver Replacements
Industrial Monitoring and Controls
Remote Automated Meter Reading
Remote Lighting Control System
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)
 


Similar Part No. - RFM213W-315S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LCF HOPE-RFM210LCF Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D HOPE-RFM210LCF-315D Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315D-A HOPE-RFM210LCF-315D-A Datasheet
677Kb / 5P
   Wireless Receiver Module
RFM210LCF-315S1 HOPE-RFM210LCF-315S1 Datasheet
258Kb / 3P
   Wireless Receiver Module
RFM210LCF-433D HOPE-RFM210LCF-433D Datasheet
677Kb / 5P
   Wireless Receiver Module
More results

Similar Description - RFM213W-315S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com