Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC32M Datasheet(PDF) 8 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC32M Datasheet HTML 4Page - Microchip Technology TC32M Datasheet HTML 5Page - Microchip Technology TC32M Datasheet HTML 6Page - Microchip Technology TC32M Datasheet HTML 7Page - Microchip Technology TC32M Datasheet HTML 8Page - Microchip Technology TC32M Datasheet HTML 9Page - Microchip Technology TC32M Datasheet HTML 10Page - Microchip Technology TC32M Datasheet HTML 11Page - Microchip Technology TC32M Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC32M
DS21402B-page 8
© 2002 Microchip Technology Inc.
4.3
Package Dimensions
.264 (6.70)
.248 (6.30)
.122 (3.10)
.114 (2.90)
.287 (7.30)
.264 (6.70)
.146 (3.70)
.130 (3.30)
.091 (2.30) TYP.
.071
(1.80)
MAX.
.181 (4.60) TYP.
.036 (0.91) MIN.
.041 (1.04)
.033 (0.84)
PIN 1
.013 (0.33)
.009 (0.24)
.031 (0.80)
.024 (0.60)
.004 (0.10)
.001 (0.02)
10
° MAX.
3-Pin SOT-223
Dimensions: inches (mm)
.105 (2.67)
.095 (2.41)
.018 (0.46)
.015 (0.38)
.135
(3.43)
MIN.
.500
(12.70)
MIN.
.210 (5.33)
.170 (4.32)
.205 (5.21)
.175 (4.45)
.165 (4.19)
.125 (3.18)
.105 (2.67)
.080 (2.03)
.055 (1.40)
.045 (1.14)
.018 (0.46)
.015 (0.38)
TO-92-3
Dimensions: inches (mm)


Similar Part No. - TC32M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
   ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Advanced Crystal Techno...
TC32M00001FABNEXXSC-PF ACT-TC32M00001FABNEXXSC-PF Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSD-PF ACT-TC32M00001FABNEXXSD-PF Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FABNEXXSL-PF ACT-TC32M00001FABNEXXSL-PF Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TC32M00001FAINEXXSC-PF ACT-TC32M00001FAINEXXSC-PF Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
More results

Similar Description - TC32M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
   ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
   ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com