Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKZ75N65EL5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKZ75N65EL5
Description  Best-in-Class tradeoff between conduction and switching losses
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKZ75N65EL5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKZ75N65EL5 Datasheet HTML 6Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 7Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 8Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 9Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 10Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 11Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 12Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 13Page - Infineon Technologies AG IKZ75N65EL5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
IKZ75N65EL5
LowVCE(sat)seriesfifthgeneration
Rev.2.1,2014-12-10
Figure 13.
Typicalswitchingenergylossesasa
functionofgateresistance
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,IC=75A,dynamictestcircuitin
Figure E)
RG,GATERESISTANCE[
Ω]
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
Eoff
Eon
Ets
Figure 14.
Typicalswitchingenergylossesasa
functionofjunctiontemperature
(inductiveload,VCE=400V,VGE=0/15V,
IC=75A,RG(on)=23
Ω,RG(off)=4Ω,dynamictest
circuit in Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
Eoff
Eon
Ets
Figure 15.
Typicalswitchingenergylossesasa
functionofcollectoremittervoltage
(inductiveload,Tvj=150°C,VGE=0/15V,
IC=75A,RG(on)=23
Ω,RG(off)=4Ω,dynamictest
circuit in Figure E)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
200
250
300
350
400
450
500
0
1
2
3
4
5
6
7
8
9
Eoff
Eon
Ets
Figure 16.
Typicalgatecharge
(IC=75A)
QG,GATECHARGE[nC]
0
100
200
300
400
500
0
2
4
6
8
10
12
14
16
18
VCC=130V
VCC=520V


Similar Part No. - IKZ75N65EL5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
IKZ75N65ES5 INFINEON-IKZ75N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
More results

Similar Description - IKZ75N65EL5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N65EL5 INFINEON-IKW75N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65EL5 INFINEON-IKW30N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65NL5 INFINEON-IKW30N65NL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
logo
STMicroelectronics
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
   Reduces switching and conduction losses
April 2015 Rev 2
logo
Vishay Siliconix
SIHH11N60E VISHAY-SIHH11N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
logo
International Rectifier
IRF6631PBF IRF-IRF6631PBF_15 Datasheet
253Kb / 10P
   Low Switching and Conduction Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com