Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U5BF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0U5BF
Description  Ultra low capacitance bidirectional fivefold ESD protection arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0U5BF Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0U5BF Datasheet HTML 1Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 2Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 3Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 4Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 5Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 6Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 7Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 8Page - NXP Semiconductors PESD5V0U5BF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PESD5V0U5BF_PESD5V0U5BV_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 August 2008
2 of 12
NXP Semiconductors
PESD5V0U5BF; PESD5V0U5BV
Ultra low capacitance bidirectional fivefold ESD protection arrays
1.4 Quick reference data
2.
Pinning information
3.
Ordering information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
5
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
2.9
3.5
pF
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
PESD5V0U5BF
1
cathode (diode 1)
2
common cathode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
6
cathode (diode 5)
PESD5V0U5BV
1
cathode (diode 1)
2
common cathode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
6
cathode (diode 5)
bottom view
3
2
1
4
5
6
006aab346
1
3
25
6
4
12
3
4
5
6
006aab346
1
3
25
6
4
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PESD5V0U5BF
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
PESD5V0U5BV
-
plastic surface-mounted package; 6 leads
SOT666


Similar Part No. - PESD5V0U5BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
logo
Nexperia B.V. All right...
PESD5V0U5BF NEXPERIA-PESD5V0U5BF Datasheet
225Kb / 11P
   Ultra low capacitance bidirectional fivefold ESD protection array
28 December 2022
More results

Similar Description - PESD5V0U5BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
logo
Nexperia B.V. All right...
PESD5V0U5BV NEXPERIA-PESD5V0U5BV Datasheet
210Kb / 11P
   Ultra low capacitance bidirectional fivefold ESD protection array
28 December 2022
PESD5V0U5BF NEXPERIA-PESD5V0U5BF Datasheet
225Kb / 11P
   Ultra low capacitance bidirectional fivefold ESD protection array
28 December 2022
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF NXP-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com