Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U2BT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0U2BT
Description  Ultra low capacitance bidirectional double ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0U2BT Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0U2BT Datasheet HTML 1Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 2Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 3Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 4Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 5Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 6Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 7Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 8Page - NXP Semiconductors PESD5V0U2BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PESD5V0U2BT_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 March 2007
5 of 11
NXP Semiconductors
PESD5V0U2BT
Ultra low capacitance bidirectional double ESD protection diode
Fig 4.
ESD clamping test setup and waveforms
006aab037
50
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
GND
450
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 10 V/div
horizontal scale = 100 ns/div
vertical scale = 10 V/div
horizontal scale = 100 ns/div


Similar Part No. - PESD5V0U2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
TECH PUBLIC Electronics...
PESD5V0U2BT TECHPUBLIC-PESD5V0U2BT Datasheet
942Kb / 4P
   2-Line BI-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
More results

Similar Description - PESD5V0U2BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
logo
NXP Semiconductors
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
logo
NXP Semiconductors
PESD5V0U2BMB PHILIPS-PESD5V0U2BMB_15 Datasheet
450Kb / 13P
   Ultra low capacitance bidirectional double ESD protection
Rev. 1-13 March 2012
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
   Low capacitance bidirectional double ESD protection diode
23 August 2018
logo
NXP Semiconductors
PESD5V0S2BT NXP-PESD5V0S2BT Datasheet
91Kb / 12P
   Low capacitance bidirectional double ESD protection diode
Rev. 03-9 February 2009
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com