Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S1ULD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0S1ULD
Description  Unidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0S1ULD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0S1ULD Datasheet HTML 2Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 3Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1ULD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PESD5V0S1ULD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 October 2010
6 of 12
NXP Semiconductors
PESD5V0S1ULD
Unidirectional ESD protection diode
Fig 9.
ESD clamping test setup and waveforms
50
Ω
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
GND
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 2 kV/div
horizontal scale = 15 ns/div
vertical scale = 2 kV/div
horizontal scale = 15 ns/div
GND
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
vertical scale = 10 V/div
horizontal scale = 10 ns/div
006aac486
GND
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
vertical scale = 10 V/div
horizontal scale = 10 ns/div


Similar Part No. - PESD5V0S1ULD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1ULD NEXPERIA-PESD5V0S1ULD Datasheet
262Kb / 12P
   Unidirectional ESD protection diode
19 July 2019
More results

Similar Description - PESD5V0S1ULD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
   Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
   Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
   Unidirectional ESD protection diode
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
   Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
   Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com