Electronic Components Datasheet Search |
|
PESD5V0L1ULD Datasheet(PDF) 1 Page - NXP Semiconductors |
|
PESD5V0L1ULD Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 12 page 1. Product profile 1.1 General description Low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode designed to protect one signal line from the damage caused by ESD and other transients. The device is housed in a SOD882D leadless ultra small Surface-Mounted Device (SMD) plastic package with visible and solderable side pads. 1.2 Features and benefits 1.3 Applications Computers and peripherals Audio and video equipment Communication systems Portable electronics 1.4 Quick reference data PESD5V0L1ULD Low capacitance unidirectional ESD protection diode Rev. 1 — 19 April 2011 Product data sheet ESD protection of one line AEC-Q101 qualified Ultra small SMD plastic package ESD protection up to 26 kV Solderable side pads IEC 61000-4-2; level 4 (ESD) Package height typ. 0.37 mm IEC 61000-4-5 (surge); IPP =3.5 A Low diode capacitance Cd =25pF Low clamping voltage: VCL =12V Table 1. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VRWM reverse standoff voltage - - 5 V Cd diode capacitance f = 1 MHz; VR = 0 V - 25 30 pF |
Similar Part No. - PESD5V0L1ULD |
|
Similar Description - PESD5V0L1ULD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |