Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3U1UL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD3V3U1UL
Description  Ultra low capacitance unidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3U1UL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD3V3U1UL Datasheet HTML 2Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 3Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 4Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 5Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 6Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 7Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 8Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 9Page - NXP Semiconductors PESD3V3U1UL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PESD3V3U1UA_UB_UL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
6 of 12
NXP Semiconductors
PESD3V3U1UA/UB/UL
Ultra low capacitance unidirectional ESD protection diodes
7.
Application information
The PESD3V3U1Ux series is designed for the protection of one unidirectional data or
signal line from the damage caused by ESD. The devices may be used on lines where the
signal polarities are either positive or negative with respect to ground.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD and Electrical Fast
Transient (EFT). The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. The path length between the device and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 5.
Application diagram
006aab251
GND
line to be protected
(positive signal polarity)
DUT
unidirectional protection of one line
GND
line to be protected
(negative signal polarity)
DUT


Similar Part No. - PESD3V3U1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3U1UL NXP-PESD3V3U1UL Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UL NEXPERIA-PESD3V3U1UL Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD3V3U1UL-Q NEXPERIA-PESD3V3U1UL-Q Datasheet
213Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
18 November 2022
More results

Similar Description - PESD3V3U1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1UL NXP-PESD5V0U1UL Datasheet
81Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0U1UB-Q NEXPERIA-PESD5V0U1UB-Q Datasheet
202Kb / 11P
   Ultra low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5V0U1UA NEXPERIA-PESD5V0U1UA_V01 Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3U1UL NXP-PESD3V3U1UL Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD5V0U1UA PHILIPS-PESD5V0U1UA Datasheet
88Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD3V3U1UB NEXPERIA-PESD3V3U1UB Datasheet
208Kb / 10P
   Ultra low capacitance unidirectional ESD protection diodes
6 April 2021
PESD3V3U1UA NEXPERIA-PESD3V3U1UA Datasheet
716Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
PESD5V0U1UA NEXPERIA-PESD5V0U1UA Datasheet
151Kb / 12P
   Ultra low capacitance unidirectional ESD protection diodes
Rev. 01 - 30 October 2008
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com