Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S4UF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0S4UF
Description  Unidirectional quadruple ESD protection diode arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0S4UF Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0S4UF Datasheet HTML 1Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 2Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 3Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 4Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 5Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 6Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 7Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 8Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PESD3V3S4UF_PESD5V0S4UF_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 17 January 2008
2 of 13
NXP Semiconductors
PESD3V3S4UF; PESD5V0S4UF
Unidirectional quadruple ESD protection diode arrays
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
common anode
6
cathode (diode 4)
bottom view
3
2
1
4
5
6
006aaa156
6
1
5
2
4
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3S4UF
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
PESD5V0S4UF
Table 4.
Marking codes
Type number
Marking code[1]
PESD3V3S4UF
A3
PESD5V0S4UF
A4
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp = 8/20 µs
[1][2] -
110
W
IPP
peak pulse current
tp = 8/20 µs
[1][2] -10
A


Similar Part No. - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S4UF NXP-PESD5V0S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD5V0S4UF NEXPERIA-PESD5V0S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
More results

Similar Description - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com