Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC924_925 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC924_925
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924_925 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC924_925 Datasheet HTML 1Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 2Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 3Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 4Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 5Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 6Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 7Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 8Page - NXP Semiconductors P89LPC924_925 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
2 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2.2 Additional features
s 20-pin TSSOP package.
s A high performance 80C51 CPU provides instruction cycle times of 111 ns to
222 ns for all instructions except multiply and divide when executing at 18 MHz.
This is six times the performance of the standard 80C51 running at the same
clock frequency. A lower clock frequency for the same performance results in
power savings and reduced EMI.
s In-Application Programming of the Flash code memory. This allows changing the
code in a running application.
s Serial Flash programming allows simple in-circuit production coding. Flash
security bits prevent reading of sensitive application programs.
s Watchdog timer with separate on-chip oscillator, requiring no external
components. The watchdog prescaler is selectable from eight values.
s Low voltage reset (Brownout detect) allows a graceful system shutdown when
power fails. May optionally be configured as an interrupt.
s Idle and two different Power-down reduced power modes. Improved wake-up from
Power-down mode (a low interrupt input starts execution). Typical Power-down
current is 1
µA (total Power-down with voltage comparators disabled).
s Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A reset counter and reset glitch suppression circuitry prevent
spurious and incomplete resets. A software reset function is also available.
s Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator
allowing it to perform an oscillator fail detect function.
s Programmable port output configuration options:
x quasi-bidirectional,
x open drain,
x push-pull,
x input-only.
s Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value
of the pins match or do not match a programmable pattern.
s LED drive capability (20 mA) on all port pins. A maximum limit is specified for the
entire chip.
s Controlled slew rate port outputs to reduce EMI. Outputs have approximately
10 ns minimum ramp times.
s Only power and ground connections are required to operate the P89LPC924/925
when internal reset option is selected.
s Four interrupt priority levels.
s Eight keypad interrupt inputs, plus two additional external interrupt inputs.
s Second data pointer.
s Schmitt trigger port inputs.
s Emulation support.


Similar Part No. - P89LPC924_925

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9241 NXP-P89LPC9241 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9241 NXP-P89LPC9241 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9241FDH NXP-P89LPC9241FDH Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9241FDH NXP-P89LPC9241FDH Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC924FDH PHILIPS-P89LPC924FDH Datasheet
233Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
More results

Similar Description - P89LPC924_925

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC925FDH PHILIPS-P89LPC925FDH Datasheet
233Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC915 PHILIPS-P89LPC915 Datasheet
344Kb / 72P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Rev. 04-17 December 2004
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com