Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5052H Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # 5052H
Description  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5052H Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  5052H Datasheet HTML 1Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 2Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 3Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 4Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 5Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 6Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 7Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 8Page - Nippon Precision Circuits Inc 5052H Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5052H series
SEIKO NPC CORPORATION - 3
SPECIFICATIONS
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range*1
VDD
Between VDD and VSS
-0.3 to +4.0
V
Input voltage range*1*2
VIN
Input pins
-0.3 to VDD+0.3
V
Output voltage range*1*2
VOUT
Output pins
-0.3 to VDD+0.3
V
Output current*3
IOUT
Q pin
±20
mA
Junction temperature*3
Tj
150
°C
Storage temperature range*4
TSTG
Chip form, Wafer form
-65 to +150
°C
*1. This parameter rating is the values that must never exceed even for a moment. This product may suffer breakdown if this parameter rating is exceeded.
Operation and characteristics are guaranteed only when the product is operated at recommended operating conditions.
*2. VDD is a VDD value of recommended operating conditions.
*3. Do not exceed the absolute maximum ratings. If they are exceeded, a characteristic and reliability will be degraded.
*4. When stored in nitrogen or vacuum atmosphere applied to IC itself only (excluding packaging materials).
Recommended Operating Conditions
VSS=0V
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
5052Hx1 ~ Hx5 ver.
20
60
Oscillator frequency*1
fOSC
VDD=1.60 to 3.63V
5052HxP~ HxT ver.
40
80
MHz
5052Hx1 ~ Hx5 ver.
1.25
60
Output frequency
fOUT
VDD=1.60 to 3.63V
CLOUT≤15pF
5052HxP~ HxTver.
2.5
80
MHz
Operating supply voltage
VDD
Between VDD and VSS*2
1.60
3.63
V
Input voltage
VIN
Input pins
VSS
VDD
V
Operating temperature
Ta
-40
+125
°C
Output load capacitance
CLOUT
Q output
15
pF
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
*2. Mount a ceramic chip capacitor that is larger than 0.01μF proximal to IC (within approximately 3mm) between VDD and VSS in order to obtain stable
operation of 5052H series. In addition, the wiring pattern between IC and capacitor should be as wide as possible.
Note. Since it may influence the reliability if it is used out of range of recommended operating conditions, this product should be used within this range.


Similar Part No. - 5052H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5052-12 ETC2-5052-12 Datasheet
157Kb / 2P
   PHASE ADJUSTER
5052-18 ETC2-5052-18 Datasheet
157Kb / 2P
   PHASE ADJUSTER
5052-2 ETC2-5052-2 Datasheet
157Kb / 2P
   PHASE ADJUSTER
logo
Desoutter Industrial To...
50522 DESOUTTER-50522 Datasheet
2Mb / 20P
   Balancers DU series
logo
List of Unclassifed Man...
5052MTH1R ETC2-5052MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5052H

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com