Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5028A1 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # 5028A1
Description  0.8V operation Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028A1 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button 5028A1 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5028A1 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —7
Electrical Characteristics
DC Characteristics
VDD = 0.8 to 2.0V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 3
IOH = – 0.7mA, VDD = 0.8V
0.6
V
IOH = – 3mA, VDD = 1.1V
0.8
V
IOH = – 5mA, VDD = 1.4V
1.0
V
LOW-level output voltage
VOL
Q: Measurement cct 3
IOL = 0.7mA, VDD = 0.8V
0.2
V
IOL = 3mA, VDD = 1.1V
0.3
V
IOL = 5mA, VDD = 1.4V
0.4
V
HIGH-level input voltage
VIH
INHN, Measurement cct 4
0.7VDD
––
V
LOW-level input voltage
VIL
INHN, Measurement cct 4
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 5,
INHN = LOW, Ta = 25
°C
VOH = VDD
20
µA
VOL = VSS
20
µA
Current consumption*1
*1. When loading the capacitance to Q pin, the charge and discharge current (ICL) consumed by load capacitance (CL) is given by the following equation.
(output frequency: fOUT)
ICL = CL × VDD × fOUT
IDD
5028
×1 (fO), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 48MHz
VDD = 1.5V
1.7
2.6
mA
VDD = 1.2V
1.3
2.0
mA
VDD = 0.9V
0.9
1.4
mA
5028
×2 (fO/2), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 24MHz
VDD = 1.5V
1.5
2.3
mA
VDD = 1.2V
1.1
1.7
mA
VDD = 0.9V
0.8
1.2
mA
5028
×3 (fO/4), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 12MHz
VDD = 1.5V
1.3
2.0
mA
VDD = 1.2V
1.0
1.5
mA
VDD = 0.9V
0.6
0.9
mA
5028
×4 (fO/8), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 6MHz
VDD = 1.5V
1.2
1.8
mA
VDD = 1.2V
0.9
1.4
mA
VDD = 0.9V
0.55
0.9
mA
5028
×5 (fO/16), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 3MHz
VDD = 1.5V
1.1
1.7
mA
VDD = 1.2V
0.8
1.2
mA
VDD = 0.9V
0.5
0.8
mA
5028
×6 (fO/32), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 1.5MHz
VDD = 1.5V
1.1
1.7
mA
VDD = 1.2V
0.8
1.2
mA
VDD = 0.9V
0.5
0.8
mA
5028
×7 (fO/64), Measurement cct 1,
no load, INHN = open, fO = 48MHz,
fOUT = 0.75MHz
VDD = 1.5V
1.1
1.7
mA
VDD = 1.2V
0.8
1.2
mA
VDD = 0.9V
0.5
0.8
mA
Standby current
IST
Measurement cct 1, INHN = LOW, Ta = 25
°C
100
µA
INHN pull-up resistance
RUP1
Measurement cct 6
0.4
2
10
M
RUP2
30
70
150
k
Oscillator feedback
resistance
Rf
50
100
200
k
Oscillator capacitance
CG
Design value (a monitor pattern on a wafer is tested),
Excluding parasitic capacitance.
–2–
pF
CD
–12–
pF


Similar Part No. - 5028A1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
502862-2 TEC-502862-2 Datasheet
312Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
5028883 PHOENIX-5028883 Datasheet
68Kb / 2P
   UEG-EU-VS
More results

Similar Description - 5028A1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
   2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
   1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com