Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5028C6 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # 5028C6
Description  0.8V operation Crystal Oscillator Module ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028C6 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button 5028C6 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 12Page - Nippon Precision Circuits Inc 5028C6 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —10
MEASUREMENT CIRCUITS
Measurement cct 1
Measurement parameter: IDD, IST, Duty, tr , tf
Note: The AC characteristics are observed using an oscilloscope on
pin Q.
Measurement cct 2
Measurement parameter: tOD
XTN input signal: 1Vp-p, sine wave
C1: 0.001
µFCL: 15pF
R1: 50
RL: 1kΩ
Measurement cct 3
Measurement parameter: VOH, VOL
XTN input signal: 1Vp-p, sine wave
VDD
VSS
XT
Q
X'tal
XTN
INHN
IDD
IST
A
(Including probe
capacitance)
CL = 15pF
IDD: Open
IST: Short
0.1
µF
IDD: Open
VDD
VSS
Q
XTN
INHN
Signal
Generator
R1
C1
VDD
or
VSS
RL
CL
0.1
µF
VDD
VSS
Q
XTN
Signal
Generator
50
0.001
µF
VOH
VOL
V
50
0.1
µFVS
∆V
VOH
VS
∆V
VOL
VS
0.1
µF
VS adjusted such that ∆V =
50
× IOH.
VS adjusted such that ∆V =
50
× IOL.
Measurement cct 4
Measurement parameter: VIH, VIL
VIH: Voltage in VSS to VDD transition that changes the output state.
VIL: Voltage in VDD to VSS transition that changes the output state.
INHN has an oscillation stop function.
Measurement cct 5
Measurement parameter: IZ
Measurement cct 6
Measurement parameter: RUP1, RUP2
VDD
VSS
XT
Q
X'tal
XTN
INHN
VIH
VIL
V
0.1
µF
VDD
VSS
Q
INHN
IZ
A
VDD
or
VSS
0.1
µF
VDD
VSS
INHN
VIN
V
A IUP
VDD
IUP
(VIN = 0V)
RUP2 =
IUP
VDD 0.7VDD
RUP1 =
(VIN = 0.7VDD)
0.1
µF


Similar Part No. - 5028C6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
502862-2 TEC-502862-2 Datasheet
312Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
5028883 PHOENIX-5028883 Datasheet
68Kb / 2P
   UEG-EU-VS
More results

Similar Description - 5028C6

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
   2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
   1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com