Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC55
Description  1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 4 Page - Microchip Technology

  TC55 Datasheet HTML 1Page - Microchip Technology TC55 Datasheet HTML 2Page - Microchip Technology TC55 Datasheet HTML 3Page - Microchip Technology TC55 Datasheet HTML 4Page - Microchip Technology TC55 Datasheet HTML 5Page - Microchip Technology TC55 Datasheet HTML 6Page - Microchip Technology TC55 Datasheet HTML 7Page - Microchip Technology TC55 Datasheet HTML 8Page - Microchip Technology TC55 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC55 Series
4
1
µA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
© 2001 Microchip Technology Inc.
DS21435A
TC55-24
02/01/01
TYPICAL CHARACTERISTICS
2.9
2.8
2.7
20
40
60
0
160
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
TC55RP3002 (VIN = 4.0V)
3.0
3.1
1. OUTPUT VOLTAGE vs. OUTPUT CURRENT
2. OUTPUT VOLTAGE vs. INPUT VOLTAGE
80
°C
80 100 120 140
25
°C
- 30
°C
T
OPR = 25°C
4.9
4.8
4.7
40
80
0
200
160
TC55RP5002 (VIN = 6.0V)
5.0
5.1
120
80
°C
25
°C
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
2.8
2.6
2.4
2.2
3.0
3.5
2.5
TC55RP3002
3.0
3.2
IOUT = 1mA
10mA
40mA
T
OPR = 25°C
4.8
4.6
4.4
4.2
5.0
5.5
4.5
TC55RP5002
5.0
5.2
IOUT = 1mA
10mA
40mA
T
OPR = 25°C
5.01
5.00
4.99
4.97
4.98
4.95
4.98
67
8
9
10
5
TC55RP5002
5.03
5.02
5.04
5.05
IOUT = 1mA
T
OPR = 25°C
3.01
3.00
2.99
2.98
2.96
2.97
2.95
5
678
9
10
34
TC55RP3002
3.03
3.02
3.05
3.04
IOUT = 1mA
- 30
°C


Similar Part No. - TC55

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results

Similar Description - TC55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com