Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM39A16M1 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM39A16M1
Description  Additional Baud Rate Generator for Serial port
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39A16M1 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM39A16M1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
SM39A16M1
8-Bit Micro-controller
16KB with ISP Flash
& 1K+256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M069
Ver E SM39A16M1 04/20/2015
- 11 -
Register
Location: 80h ~ 8Fh
Reset
value
Description
Method 1
Method 2
Page 0
Method 2
Page 1
WDTK
B7h
B7h
B7h
00h
Watchdog timer refresh key.
TAKEY
F7h
00h
Time Access Key register
PWM
ADCC2
ACh
ACh
ACh
08h
ADC control 2 Reg.
PWMTBC0
F9h
00h
PWM Time Base Control 0 Reg.
PWMTBC1
FAh
10h
PWM Time Base Control 1 Reg.
PWMOPMOD
FBh
00h
PWM Output Pair Mode Reg.
TBCOUNTERL
FCh
00h
Time Base Counter
(Low)
TBCOUNTERH
FDh
00h
Time Base Counter
(High)
PERIODL
F1h
FFh
PWM Period (Low) Reg.
PERIODH
F2h
3Fh
PWM Period(High) Reg.
SEVTCMPL
F3h
FFh
Special Event Compare Low Reg.
SEVTCMPH
F4h
3Fh
Special Event Compare High Reg.
PWMEN
F5h
00h
PWM Output Enable Reg.
PWMSEV
EDh
00h
PWM Special Event Reg.
PWMTBPOST
SCALE
EEh
00h
PWM TIME BASE POST SCALE
Reg.
PWMINTF
BCh
00h
PWM INT Flag Reg.
DEADTIME0
E9h
00h
Dead Time 0 Reg.
DEADTIME1
EAh
00h
Dead Time 1 Reg.
DEADTIME2
EBh
00h
Dead Time 2 Reg.
DEADTIME3
ECh
00h
Dead Time 3 Reg.
FLTCONFIG
DBh
80h
Fault Config Reg.
FLTNF
DCh
00h
Fault noise filter Reg.
PWMPOLARITY
DDh
FFh
PWM Polarity Reg.
OVRIDEDIS
DEh
FFh
Override Disable Reg.
OVRIDEDATA
DFh
00H
Override Data Reg.
DUTY0L
D1h
00h
PWM 0 Duty Low byte Reg.
DUTY0H
D2h
00h
PWM 0 Data High byte Reg.
DUTY1L
D3h
00h
PWM 1 Duty Low byte Reg.
DUTY1H
D4h
00h
PWM 1 Data High byte Reg.
DUTY2L
D5h
00h
PWM 2 Duty Low byte Reg.
DUTY2H
D6h
00h
PWM 2 Duty High byte Reg.
DUTY3L
D7h
00h
PWM 3 Duty Low byte Reg.
DUTY3H
C9h
00h
PWM 3 Duty High byte Reg.
PWMADDR
A2h
00h
PWM Address Register
PWMDATA
A3h
00h
PWM Data Register
TIMER0/TIMER1
TCON
88h
88h
88h
00h
Timer/Counter Control


Similar Part No. - SM39A16M1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM39A MIC-SM39A Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM39A16M1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
logo
Microchip Technology
AY58116 MICROCHIP-AY58116 Datasheet
443Kb / 8P
   Dual Baud Rate Generator
1990
logo
List of Unclassifed Man...
AY5-8116 ETC1-AY5-8116 Datasheet
465Kb / 6P
   DUAL BAUD RATE GENERATOR
logo
UMC Corporation
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
   Baud Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com