Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM39R04G1 Datasheet(PDF) 8 Page - SyncMOS Technologies,Inc

Part # SM39R04G1
Description  4K Bytes on-chip flash program memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R04G1 Datasheet(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM39R04G1 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
SM39R04G1
8-Bit Micro-controller
4KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M053
8
Ver.H
SM39R04G1
08/2013
Special Function Register (SFR)
A map of the Special Function Registers is shown as below:
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
F8
IICS
IICCTL
IICA1
IICA2
IICRWD
IICEBT
FF
F0
B
TAKEY
F7
E8
EF
E0
ACC
ISPFAH
ISPFAL
ISPFD
ISPFC
LVC
SWRES
E7
D8
P3M0
P3M1
DF
D0
PSW
P1M0
P1M1
D7
C8
CF
C0
IRCON
C7
B8
IEN1
IP1
S0RELH
BF
B0
P3
WDTC
WDTK
B7
A8
IEN0
IP0
S0RELL
AF
A0
P1WE
P3WE
A7
98
S0CON
S0BUF
9F
90
P1
AUX
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
IFCON
8F
80
SP
DPL
DPH
DPL1
DPH1
PCON
87
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
Note: Special Function Registers reset values and description for SM39R04G1
Register
Location
Reset value
Description
SP
81h
07h
Stack Pointer
DPL
82h
00h
Data Pointer 0 low byte
DPH
83h
00h
Data Pointer 0 high byte
DPL1
84h
00h
Data Pointer 1 low byte
DPH1
85h
00h
Data Pointer 1 high byte
PCON
87h
40h
Power Control
TCON
88h
00h
Timer/Counter Control
TMOD
89h
00h
Timer Mode Control
TL0
8Ah
00h
Timer 0, low byte
TL1
8Bh
00h
Timer 1, low byte
TH0
8Ch
00h
Timer 0, high byte
TH1
8Dh
00h
Timer 1, high byte
CKCON
8Eh
10h
Clock control register
IFCON
8Fh
40h
Interface control register
P1
90h
FFh
Port 1
AUX
91h
00h
Auxiliary register


Similar Part No. - SM39R04G1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
More results

Similar Description - SM39R04G1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com