Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM39R04G1 Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

Part # SM39R04G1
Description  4K Bytes on-chip flash program memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R04G1 Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM39R04G1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39R04G1 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SM39R04G1
8-Bit Micro-controller
4KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M053
10
Ver.H
SM39R04G1
08/2013
Function Description
1.
General Features
SM39R04G1 is an 8-bit micro-controller。All of its functions and the detailed meanings of SFR will be given in the following
sections。
1.1.
Embedded Flash
The program can be loaded into the embedded 4KB Flash memory via its writer or In-System Programming (ISP)。The
high-quality Flash has a 100K-write cycle life,suitable for re-programming and data recording as EEPROM。
1.2.
IO Pads
The SM39R04G1 has two I/O ports: Port 1 and Port 3. Ports 3 are 8-bit ports and Port 1 is a 4-bit port (The 10L MSOP
only have 8-bit Port 3).These are: quasi-bidirectional (standard 8051 port outputs), push-pull, open drain, and input-only.
As description in section 5。
At 14L Package (DIP/SOP),the Int0、Int1、T0、T1 signal can be configured to other I/O as below:
Signal
Default
Option1
Option2
#INT0
5(P3.2)
1(P3.0)
12(P3.6)
#INT1
6(P3.3)
2(P3.1)
13(P3.7)
T0
10(P3.4)
12(P3.6)
1(P3.0)
T1
11(P3.5)
13(P3.7)
2(P3.1)
At 10L Package (MSOP),the Int0、Int1、T0、T1 signal can be configured to other I/O as below:
Signal
Default
Option1
Option2
#INT0
8(P3.6)
1(P3.0)
8(P3.6)
#INT1
9(P3.7)
2(P3.1)
9(P3.7)
T0
8(P3.6)
8(P3.6)
1(P3.0)
T1
9(P3.7)
9(P3.7)
2(P3.1)
The RESET Pin Can Be configured as I/O port P3.6,when user use on-chip hardware RESET mechanism。
The XTAL2 and XTAL1 can be configured as I/O port by ICP or in ISP mode,when user use external OSC or on-chip RC
Oscillator is set to main system clock source,show as below:
External OSC
Internal OSC
14L Package
Xtal1
Xtal1
P1.3
Xtal2
P1.2
P1.2
10L Package
Xtal1
Xtal1
P3.3
Xtal2
P3.2
P3.2
All the pins on P1 and P3 are with slew rate adjustment to reduce EMI. The other way to reduce EMI is to disable the ALE
output if unused. This is selected by its SFR. The IO pads can withstand 4KV ESD in human body mode guaranteeing the
SM39R04G1
’s quality in high electro-static environments.
1.3.
Instruction timing Selection
The conventional 52-series MCUs are 12T, i.e., 12 oscillator clocks per machine cycle.
SM39R04G1 is a 1T to 8T MCU,
i.e., its machine cycle is one-clock to eight-clock. In the other words, it can execute one instruction within one clock to only
eight clocks.


Similar Part No. - SM39R04G1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
More results

Similar Description - SM39R04G1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
   4K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
   4K Bytes of Reprogrammable Flash Memory
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89C51 ATMEL-AT89C51_14 Datasheet
148Kb / 17P
   4K Bytes of In-System Reprogrammable Flash Memory
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com