Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC642 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC642
Description  PWM Fan Speed Controller with FanSense??Technology
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC642 Datasheet HTML 5Page - Microchip Technology TC642 Datasheet HTML 6Page - Microchip Technology TC642 Datasheet HTML 7Page - Microchip Technology TC642 Datasheet HTML 8Page - Microchip Technology TC642 Datasheet HTML 9Page - Microchip Technology TC642 Datasheet HTML 10Page - Microchip Technology TC642 Datasheet HTML 11Page - Microchip Technology TC642 Datasheet HTML 12Page - Microchip Technology TC642 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2002 Microchip Technology Inc.
DS21444C-page 9
TC642
5.0
TYPICAL APPLICATIONS
Designing with the TC642 involves the following:
(1) The temp sensor network must be configured to
deliver 1.25V to 2.65V on VIN for 0% to 100% of the
temperature range to be regulated.
(2) The minimum fan speed (VMIN) must be set.
(3) The output drive transistor and associated circuitry
must be selected.
(4) The SENSE network, RSENSE and CSENSE, must
be designed for maximum efficiency, while
delivering adequate signal amplitude.
(5) If shutdown capability is desired, the drive require-
ments of the external signal or circuit must be
considered.
The TC642 demonstration and prototyping board
(TC642DEMO), and the TC642 Evaluation Kit
(TC642EV), provide working examples of TC642 cir-
cuits and prototyping aids. The TC642DEMO is a
printed circuit board optimized for small size and ease
of inclusion into system prototypes. The TC642EV is a
larger board intended for benchtop development and
analysis. At the very least, anyone contemplating a
design using the TC642 should consult the documen-
tation for both TC642EV (DS21403) and TC642DEMO
(DS21401).
FIGURE 5-1:
Typical Application Circuit.
5.1
Temperature Sensor Design
The temperature signal connected to VIN must output a
voltage in the range of 1.25V to 2.65V (typical) for 0%
to 100% of the temperature range of interest. The
circuit in Figure 5-2 illustrates a convenient way to
provide this signal.
Figure 5-2 shows a simple temperature dependent
voltage divider circuit. RT1 is a conventional NTC ther-
mistor while R1 and R2 are standard resistors. The sup-
ply voltage, VDD, is divided between R2 and the parallel
combination of RT1 and R1 (for convenience, the paral-
lel combination of RT1 and R1 will be referred to as
RTEMP). The resistance of the thermistor at various
temperatures is obtained from the manufacturer’s
specifications. Thermistors are often referred to in
terms of their resistance at 25°C.
FAULT
SENSE
NTC
R1
R2
R3
R4
GND
Thermal
Shutdown
Shutdown
(Optional)
Note: *See cautions regarding latch-up considerations in Section 5.0, "Typical Applications".
Q1
+12V
+5V*
VDD
VIN
VMIN
VOUT
RBASE
RSENSE
CSENSE
CF
1 µF
CF
TC642
Fan
CB
1 µF
CB
0.01 µF
CB
0.01 µF
1
8
6
7
5
4
2
3


Similar Part No. - TC642

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC642 MICROCHIP-TC642 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC642B MICROCHIP-TC642B Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - TC642

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
   PWM Fan Speed Controller with FanSense Technology
2002
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
   PWM Fan Speed Controller with FanSense??Technology
08/01/02
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649 Datasheet
478Kb / 28P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
   PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com