Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5952E Datasheet(PDF) 6 Page - SyncMOS Technologies,Inc

Part # SM5952E
Description  256 bytes SRAM as standard 8052
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5952E Datasheet(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM5952E Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SM5952E
8-Bit Micro-controller
8KB with 4KB ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M091
Ver C SM5952E 04/17/2015
- 6 -
44 Pin PQFP
T2/P1.0
T2EX/P1.1
PWM0/P1.2
PWM1/P1.3
P1.4
P4.2
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P4.0
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
VDD
AD0/P0.0
AD1/P0.1
AD2/P0.2
AD3/P0.3
13
14
15
12
22
21
20
19
18
17
16
43
44
34
35
36
38
39
40
41
42
37
SM5952E
ihhQP
YWW
(44L PQFP Top View)


Similar Part No. - SM5952E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
More results

Similar Description - SM5952E

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC80251G2D ATMEL-TSC80251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
List of Unclassifed Man...
M0518 ETC2-M0518 Datasheet
1Mb / 72P
   36/68 Kbytes flash, 8K bytes SRAM
logo
STMicroelectronics
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com