Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5952E Datasheet(PDF) 3 Page - SyncMOS Technologies,Inc

Part # SM5952E
Description  256 bytes SRAM as standard 8052
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5952E Datasheet(HTML) 3 Page - SyncMOS Technologies,Inc

  SM5952E Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5952E Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
SM5952E
8-Bit Micro-controller
8KB with 4KB ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M091
Ver C SM5952E 04/17/2015
- 3 -
Product List
SM5952EW40PP,
SM5952EW44JP,
SM5952EW44QP,
Description
The SM5952E series product is an 8 - bit single chip
micro controller with 8KB+4KB flash & 1KB SRAM
embedded. It has In-System
Programming (ISP)
function and is a derivative of the 8052 micro controller
family.
SM5952E is a versatile and cost effective controller for
those applications which demand up to 36 I/O pins, or
applications which need up to 8KB+4KB byte flash
memory either for program or for data or mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
The
on-chip
flash
memory
can
be
programmed in either parallel or serial interface with its
ISP feature.
Ordering Information
SM5952EihhkL YWW
i: process identifier { W = 2.4V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free, ”P” is PB free}
Y: year
WW: week
Postfix
Package
P
PDIP
J
PLCC
Q
PQFP
Features
Main Flash ROM 8KB+4KB.
Working voltage 2.4V~5.5V runs up to
40MHz
General 8052 family compatible with 12
clocks in one machine cycle.
6 clocks in one machine cycle is also
supported.
256 bytes SRAM as standard 8052.
On-chip 768 bytes expanded RAM.
16-bit Data Pointers (DPTR).
One serial peripheral interfaces in full duplex
mode (UART).
-
Synchronous mode, fixed baud rate.
-
8-bit UART mode, variable baud rate.
-
9-bit UART mode, fixed baud rate.
-
9-bit UART mode, variable baud rate.
Three 16-bit Timer/Counters (Timer 0, 1, 2).
One watch dog timer (WDT).
One IIC interface (Master / Slave mode).
Two 8-bit/5-bit configurable PWM output
channels.
ISP/IAP functions.
ISP service program space configurable in
N*512 byte (N=0 to 8) size.
Seven interrupt sources with two priority
levels.
Four 8-bit I/O ports and additional one 4-bit
I/O ports.
IO PAD ESD over 4KV.
Enhance user code protection.
Power management unit for IDLE and power
down modes.


Similar Part No. - SM5952E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
More results

Similar Description - SM5952E

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC80251G2D ATMEL-TSC80251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
List of Unclassifed Man...
M0518 ETC2-M0518 Datasheet
1Mb / 72P
   36/68 Kbytes flash, 8K bytes SRAM
logo
STMicroelectronics
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com