Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8954B Datasheet(PDF) 4 Page - SyncMOS Technologies,Inc

Part # SM8954B
Description  On-chip 768 bytes expanded RAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8954B Datasheet(HTML) 4 Page - SyncMOS Technologies,Inc

  SM8954B Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8954B Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
SM8954B
8-Bit Micro-controller
16KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M083
Ver D SM8954B 08/07/2015
- 4 -
Pin Configuration
40 Pin PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
PWM0/P1.2
VDD
PWM1/P1.3
P1.4
P1.5
SCL/P1.6
SDA/P1.7
RESET
RXD/P3.0
TXD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA
ALE
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Similar Part No. - SM8954B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AC25 SYNCMOS-SM8954AC25 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AC40 SYNCMOS-SM8954AC40 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8954AL25 SYNCMOS-SM8954AL25 Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results

Similar Description - SM8954B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516B SYNCMOS-SM89516B Datasheet
792Kb / 49P
   On-chip 768 bytes expanded RAM
logo
Sanyo Semicon Device
LC86104C SANYO-LC86104C Datasheet
1Mb / 67P
   On-chip 168 Bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER?
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC863G64A SANYO-LC863G64A Datasheet
134Kb / 21P
   CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC86108A SANYO-LC86108A Datasheet
1Mb / 62P
   168 Bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
   16K Bytes of On-chip Flash Memory
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM59R16G6 SYNCMOS-SM59R16G6 Datasheet
984Kb / 69P
   External RAM addresses up to 64K bytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com