Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW-8895D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FW-8895D
Description  High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8895D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FW-8895D Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8895D Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8895D Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8895D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Form Factor
2U Rackmount
Platform
Processor Options
2 x Intel® Xeon® processor E5-2600 v1 and v2 Series on
LGA2011 (Sandy Bridge-EP or Ivy Bridge-EP)
Chipset
Intel C600 series Chipset
OS Support
Windows 2003/2008 Server, Linux kernel 2.6 or above
BIOS
AMI BIOS 64 Mb
System Memory
Technology
DDR3 1333 MHz ECC DIMM or DDR3 1333/1600 MHz
Registered DIMM
Max. Capacity
128 GB
Socket
16 x 240-pin DIMM
Storage
HDD Bays
2 x 3.5” or 4 x 3.5” HDD
CF/SD
1 x CF card Type II ast
Networking
Ethernet Ports
1x RJ-45 with LED for Management port (Optional LOM port)
Bypass
Depends on NIC module Bypass specification
Controllers
2 x Intel 82574L
Ethernet Modules
8
Management Port
One, share with IPMI port
I/O Interface
Reset Button
1 x reset button, Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
Optional
Display
N/A
Expansion
PCIe
1 x PCI-E*8 expansion (optional)
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
4x independent hot-swappable cooling Fans with smart fan
control
Environmental
Parameters
Temperature, ambient operating
/ storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient operating
/ ambient non-operating
5~90%, non-condensing / 5~95%, non-condensing
Miscellaneous
LCD Module
128 x 32 LCM with keypad (Graphic optional)
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
444 x 87.7 x 600 mm
Weight
25 kg
Power
Type / Watts
1+1 ATX 600/800 W Redundant Power Supply Units
Input
90~264 V@47~63Hz
Approvals and Compliance
CE Class A, FCC Class A, RoHS, UL
Specifications


Similar Part No. - FW-8895D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

Similar Description - FW-8895D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
logo
List of Unclassifed Man...
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Advantech Co., Ltd.
SKY-7221 ADVANTECH-SKY-7221 Datasheet
1Mb / 2P
   2U High Performance Rackmount Server with Intel Xeon Scalable Processor Family
17-Nov-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com