Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1771 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM1771
Description  LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1771 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM1771_15 Datasheet HTML 2Page - Texas Instruments LM1771_15 Datasheet HTML 3Page - Texas Instruments LM1771_15 Datasheet HTML 4Page - Texas Instruments LM1771_15 Datasheet HTML 5Page - Texas Instruments LM1771_15 Datasheet HTML 6Page - Texas Instruments LM1771_15 Datasheet HTML 7Page - Texas Instruments LM1771_15 Datasheet HTML 8Page - Texas Instruments LM1771_15 Datasheet HTML 9Page - Texas Instruments LM1771_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM1771
SNVS446C – JUNE 2006 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
All curves taken at VIN = 3.3V with configuration in typical application circuit shown in APPLICATION INFORMATION section
of this datasheet. TJ = 25°C, unless otherwise specified.
Quiescent Current vs Temperature
Deadtime vs Temperature
Figure 15.
Figure 16.
Efficiency vs IOUT (LM1771T)
Efficiency vs IOUT (LM1771U)
(VIN = 5V, VOUT = 1.8V, FSW = 545kHz)
(VIN = 5V, VOUT = 2.5V, FSW = 379kHz)
Figure 17.
Figure 18.
Efficiency vs IOUT (LM1771U)
Efficiency vs IOUT (LM1771S)
(VIN = 5V, VOUT = 3.3V, FSW = 500kHz)
(VIN = 5V, VOUT = 1.2V, FSW = 727kHz)
Figure 19.
Figure 20.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM1771


Similar Part No. - LM1771_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1771 TI1-LM1771_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Voltage Synchronous Buck Controller
More results

Similar Description - LM1771_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com