Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2640 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2640
Description  LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2640 Datasheet(HTML) 3 Page - Texas Instruments

  LM2640_15 Datasheet HTML 1Page - Texas Instruments LM2640_15 Datasheet HTML 2Page - Texas Instruments LM2640_15 Datasheet HTML 3Page - Texas Instruments LM2640_15 Datasheet HTML 4Page - Texas Instruments LM2640_15 Datasheet HTML 5Page - Texas Instruments LM2640_15 Datasheet HTML 6Page - Texas Instruments LM2640_15 Datasheet HTML 7Page - Texas Instruments LM2640_15 Datasheet HTML 8Page - Texas Instruments LM2640_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM2640
www.ti.com
SNVS019B – DECEMBER 1998 – REVISED APRIL 2013
Pin Description(1) (continued)
Pin #
Name
Function
21
CSL1
The sense point for the negative side of the voltage across the current sense resistor (R4) placed in
series with output #1.
22
LIN
This pin provides a low-current (50 mA max) 5V output. This output is always on, and can not be turned
off by either the SD or ON/OFF pins.
23
IN
This is the connection for the main input power.
24
LDRV2
The drive for the gate of the low-side switching FET (synchronous rectifier) used for output #2.
25
CBOOT2
The bootstrap capacitor (C9) for output #2 is returned to this point.
26
SW2
This is the switching output drive point of the two power FETs which produce output #2.
27
HDRV2
The drive for the gate of the high-side switching FET used for output #2.
28
CSL2
The sense point for the negative side of the voltage across the current sense resistor (R13) placed in
series with output #2.
Typical Application Circuits
Note: Alternate recommended inductor is Sumida CDRH-125-100MC. If this inductor is used, R6 should be changed
to 3.3k and R11 should be 5.1k.
Figure 2. Application With 5V/3A and 3.3V/4A Outputs
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2640


Similar Part No. - LM2640_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

Similar Description - LM2640_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641 TI1-LM2641 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com