Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2657 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2657
Description  LM2657 Dual Synchronous Buck Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2657 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2657 Datasheet HTML 3Page - Texas Instruments LM2657 Datasheet HTML 4Page - Texas Instruments LM2657 Datasheet HTML 5Page - Texas Instruments LM2657 Datasheet HTML 6Page - Texas Instruments LM2657 Datasheet HTML 7Page - Texas Instruments LM2657 Datasheet HTML 8Page - Texas Instruments LM2657 Datasheet HTML 9Page - Texas Instruments LM2657 Datasheet HTML 10Page - Texas Instruments LM2657 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LM2657
www.ti.com
SNVS342B – JANUARY 2005 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface apply over full Operating Junction
Temperature range. VDD = V5 = 5V, VSGND = VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1kΩ unless otherwise stated
(1).
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical(2)
Max
Units
Error Amplifier
GAIN
DC Gain
70
dB
VSLEW
Voltage Slew Rate
COMP rising
4.45
V/µs
COMP falling
2.25
BW
Unity Gain Bandwidth
6.5
MHz
ICOMP_SOURCE COMP Source Current
VFB = lower COMP = 0.5V
2
5
mA
ICOMP_SINK
COMP Sink Current
VFB = higher than internal
7
14
mA
reference
COMP = 5V
Current Limit and Zero-Cross
IILIM
ILIM Pin Current (sourcing,
VILIM1 = VILIM2 = 0V
46
62
76
µA
either ILIM pin)
VILIM_TH
ILIM Threshold Voltage
-10
0
10
mV
VSW_ZERO
Zero-cross Threshold (SW
LDRV goes low
-2.2
mV
Pin)
Oscillator
FOSC
PWM Frequency
RFADJ = 22.1kΩ
255
300
345
kHz
RFADJ = 12.4kΩ
500
RFADJ = 30.9kΩ
200
VRAMP
PWM Ramp Peak-to-peak
VIN = 4.5V
0.48
V
Amplitude
VIN = 15V
1.6
VIN = 28V
3.0
VVALLEY
PWM Ramp Valley
0.8
V
ΔFOSC_VIN
Frequency Change with VIN VIN = 4.5V to 28V
±1
%
ΔFOSC_VDD
Frequency Change with
VDD = 4.5V to 5.5V
±2
%
VDD
øCH
Phase Shift Between
Phase from HDRV1 to HDRV2
165
180
195
deg
Channels
VFREQ_VIN
FREQ Pin Voltage vs. VIN
0.107
V/V
System
ton-min
Minimum ON Time
VFPWM = 3V
30
ns
DMAX
VIN = 4.5V
60
70
%
Maximum Duty Cycle
VIN = 15V
40
50
%
VIN = 28V, VDD= 4.5V
24
30
%
Gate Drivers
RHDRV_SOURC HDRV Source Impedance
HDRV Pin Current (sourcing)=
7
E
1.2A
RHDRV_SINK
HDRV Sink Impedance
HDRV Pin Current (sinking) =
2
1A
RLDRV_SOURC
LDRV Source Impedance
LDRV Pin Current (sourcing) =
7
E
1.2A
RLDRV_SINK
LDRV Sink Impedance
LDRV Pin Current (sinking) =
1
2A
tDEAD
Cross-conduction Protection HDRV Falling to LDRV Rising
40
ns
Delay (deadtime)
LDRV Falling to HDRV Rising
70
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2657


Similar Part No. - LM2657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM2657MTC NSC-LM2657MTC Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
LM2657MTCX NSC-LM2657MTCX Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
More results

Similar Description - LM2657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com