Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2743 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2743
Description  LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2743 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2743_15 Datasheet HTML 7Page - Texas Instruments LM2743_15 Datasheet HTML 8Page - Texas Instruments LM2743_15 Datasheet HTML 9Page - Texas Instruments LM2743_15 Datasheet HTML 10Page - Texas Instruments LM2743_15 Datasheet HTML 11Page - Texas Instruments LM2743_15 Datasheet HTML 12Page - Texas Instruments LM2743_15 Datasheet HTML 13Page - Texas Instruments LM2743_15 Datasheet HTML 14Page - Texas Instruments LM2743_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
0.65 = VOUT1
RT1
RT1 + RT2
Master Power
Supply
VOUT1 = 5V
SS/TRACK
LM2743
RT2
1 k:
RT1
150:
RFB2
10 k:
RFB1
5 k:
FB
VOUT2 = 1.8V
VSS = 0.65V
VFB
RFADJ = -5.93 + 3.06
10
7
fSW
+ 0.24
10
12
(fSW)
2
RFB1
VOUT =
RFB1
RFB2
+
VFB
(VFB = 0.6V)
LM2743
www.ti.com
SNVS276H – APRIL 2004 – REVISED OCTOBER 2015
Feature Description (continued)
CSS is in µF and tSS is in ms
(1)
During soft start the Power Good flag is forced low and it is released when the FB pin voltage reaches 70% of
0.6V. At this point the chip enters normal operation mode, and the output overvoltage and undervoltage
monitoring starts.
7.3.2 Normal Operation
While in normal operation mode, the LM2743 regulates the output voltage by controlling the duty cycle of the
high side and low side MOSFETs (see Typical Application Diagram). The equation governing output voltage is:
(2)
The PWM frequency is adjustable between 50 kHz and 1 MHz and is set by an external resistor, RFADJ, between
the FREQ pin and ground. The resistance needed for a desired frequency is approximately:
(3)
Where fSW is in Hz and RFADJ is in kΩ.
7.3.3 Tracking a Voltage Level
The LM2743 can track the output of a master power supply during soft-start by connecting a resistor divider to
the SS/TRACK pin. In this way, the output voltage slew rate of the LM2743 will be controlled by the master
supply for loads that require precise sequencing. When the tracking function is used no soft-start capacitor
should be connected to the SS/TRACK pin. Otherwise, a CSS value of at least 1 nF between the soft-start pin
and ground should be used.
Figure 19. Tracking Circuit
One way to use the tracking feature is to design the tracking resistor divider so that the master supply’s output
voltage (VOUT1) and the LM2743’s output voltage (represented symbolically in Figure 19 as VOUT2, that is, without
explicitly showing the power components) both rise together and reach their target values at the same time. For
this case, the equation governing the values of the tracking divider resistors RT1 and RT2 is:
(4)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2743


Similar Part No. - LM2743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Similar Description - LM2743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com