Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3489-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3489-Q1
Description  Hysteretic PFET Buck Controller With Enable Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3489-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3489-Q1 Datasheet HTML 6Page - Texas Instruments LM3489-Q1 Datasheet HTML 7Page - Texas Instruments LM3489-Q1 Datasheet HTML 8Page - Texas Instruments LM3489-Q1 Datasheet HTML 9Page - Texas Instruments LM3489-Q1 Datasheet HTML 10Page - Texas Instruments LM3489-Q1 Datasheet HTML 11Page - Texas Instruments LM3489-Q1 Datasheet HTML 12Page - Texas Instruments LM3489-Q1 Datasheet HTML 13Page - Texas Instruments LM3489-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM3489
LM3489-Q1
SNVS443B – MAY 2006 – REVISED FEBRUARY 2013
www.ti.com
The LM3489 operates in discontinuous conduction mode at light load current or continuous conduction mode at
heavy load current. In discontinuous conduction mode, current through the inductor starts at zero and ramps up
to the peak, then ramps down to zero. The next cycle starts when the FB voltage reaches the reference voltage.
Until then, the inductor current remains zero and the output capacitor supplies the load. The operating frequency
is lower and switching losses reduced. In continuous conduction mode, current always flows through the inductor
and never ramps down to zero.
The output voltage (VOUT) can be programmed by 2 external resistors. It can be calculated as follows:
VOUT = 1.239 x (R1 + R2) / R2
(1)
Figure 24. Hysteretic Window
The minimum output voltage ripple (VOUT_PP) can be calculated in the same way.
VOUT_PP = VHYST (R1 + R2) / R2
(2)
For example, with VOUT set to 3.3V, VOUT_PP is 26.6mV
VOUT_PP = 0.01 x (33K + 20k) / 20k = 0.0266V
(3)
Operating frequency (F) is determined by knowing the input voltage, output voltage, inductor, VHYST, ESR
(Equivalent Series Resistance) of output capacitor, and the delay. It can be approximately calculated using the
formula:
(4)
where:
α: (R1 + R2) / R2
delay: It includes the LM3489 propagation delay time and the PFET delay time. The propagation delay is 90ns
typically (see Figure 25).
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3489 LM3489-Q1


Similar Part No. - LM3489-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489MM NSC-LM3489MM Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
More results

Similar Description - LM3489-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com