Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3495MTCX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3495MTCX
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3495MTCX Datasheet(HTML) 5 Page - Texas Instruments

  LM3495MTCX Datasheet HTML 1Page - Texas Instruments LM3495MTCX Datasheet HTML 2Page - Texas Instruments LM3495MTCX Datasheet HTML 3Page - Texas Instruments LM3495MTCX Datasheet HTML 4Page - Texas Instruments LM3495MTCX Datasheet HTML 5Page - Texas Instruments LM3495MTCX Datasheet HTML 6Page - Texas Instruments LM3495MTCX Datasheet HTML 7Page - Texas Instruments LM3495MTCX Datasheet HTML 8Page - Texas Instruments LM3495MTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM3495
www.ti.com
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise indicated, VIN = 12V.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
ISOURCE
COMP/SD Pin Source Current
VFB = 0.5V, COMP/SD = 1.5V
40
µA
ISINK
COMP/SD Pin Sink Current
VFB = 0.7V, COMP/SD = 1.5V
40
µA
VCOMP-HI
COMP/SD Pin Voltage High Clamp
VFB = 0.5V
2
V
VCOMP-LO
COMP/SD Pin Voltage Low Clamp
VFB = 0.7V
0.9
V
TRACKING
VTEND
Track End Threshold
0.6
V
VTRACK-OS
Track to FB Offset
TRACK = 0.55V
15
mV
INTERNAL VOLTAGE REGULATOR
VIN = 12V, VLIN5 Current = 25 mA
4.72
V
VVLIN5
Voltage at VLIN5 Pin(2)
VIN = 3.3V, VLIN5 Current = 25 mA
3.0
V
LOGIC INPUTS AND OUTPUTS
VSD-HI
COMP/SD Pin Logic High Trip Point
COMP/SD Pin Voltage Rising
0.3
0.4
V
VSD-LO
COMP/SD Pin Logic Low Trip Point
COMP/SD Pin Voltage Falling
0.2
0.26
V
THERMAL CHARACTERISTICS
Junction-to-Ambient Thermal
θJA
155
°C/W
Resistance
TSD
Thermal Shutdown Threshold
150
°C
TSD-HYS
Thermal Shutdown Hysteresis
15
°C
(2)
VLIN5 provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3495


Similar Part No. - LM3495MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3495MTCX NSC-LM3495MTCX Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results

Similar Description - LM3495MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
[Old version datasheet]   Emulated Peak Current Mode, Wide Operating Range Up to 100V
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com