Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25085 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM25085
Description  LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25085 Datasheet(HTML) 4 Page - Texas Instruments

  LM25085 Datasheet HTML 1Page - Texas Instruments LM25085 Datasheet HTML 2Page - Texas Instruments LM25085 Datasheet HTML 3Page - Texas Instruments LM25085 Datasheet HTML 4Page - Texas Instruments LM25085 Datasheet HTML 5Page - Texas Instruments LM25085 Datasheet HTML 6Page - Texas Instruments LM25085 Datasheet HTML 7Page - Texas Instruments LM25085 Datasheet HTML 8Page - Texas Instruments LM25085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM25085, LM25085-Q1
SNVS593J – OCTOBER 2008 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See (1) (2)
MIN
MAX
UNIT
VIN to GND
-0.3
45
V
ISEN to GND
-3
VIN + 0.3
V
ADJ to GND
-0.3
VIN + 0.3
V
RT, FB to GND
-0.3
7
V
VIN to VCC, VIN to PGATE
-0.3
10
V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 Handling Ratings - LM25085
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
750
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Handling Ratings - LM25085-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
Human body model (HBM), per AEC Q100-002(1)
2
kV
V(ESD)
Electrostatic discharge
Corner pins 1, 4, 5, 8
750
Charged device model (CDM), per
V
AEC Q100-011
Other pins
750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN Voltage
4.5
42
V
Junction Temperature
−40
125
°C
6.5 Thermal Information
LM25085
LM25085 /
LM25085
Q-1
THERMAL METRIC(1)
VSSOP
HVSSOP-
WSON
UNIT
PowerPAD
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
153
54.1
44.8
RθJC
Junction-to-case (top) thermal resistance
52.5
49.1
39.4
RθJB
Junction-to-board thermal resistance
71.9
26.7
11.6
°C/W
ψJT
Junction-to-top characterization parameter
4.6
1.3
0.3
ψJB
Junction-to-board characterization parameter
70.8
26.5
11.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
29
3.6
5.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM25085 LM25085-Q1


Similar Part No. - LM25085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085 TI1-LM25085 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085-Q1 TI1-LM25085-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
Texas Instruments
LM25085A TI1-LM25085A Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
More results

Similar Description - LM25085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com