Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27213 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM27213
Description  LM27213 Single Phase Hysteretic Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27213 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM27213 Datasheet HTML 5Page - Texas Instruments LM27213 Datasheet HTML 6Page - Texas Instruments LM27213 Datasheet HTML 7Page - Texas Instruments LM27213 Datasheet HTML 8Page - Texas Instruments LM27213 Datasheet HTML 9Page - Texas Instruments LM27213 Datasheet HTML 10Page - Texas Instruments LM27213 Datasheet HTML 11Page - Texas Instruments LM27213 Datasheet HTML 12Page - Texas Instruments LM27213 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
+
-
POR
Mode
Logic
+
-
SGND
VDD
STP_ CPU#
SLP
DGND
VDAC
VSTP
VBOOT
VSLP
V1R7
+
-
5V
5V
VRON
+
-
+
-
+
-
soft_off
Logic
SW
async.
HG
+
-
VREF
mode
ILIM
ILIMREF
CMP
CMPREF
XOR
Edge
Circuit
VID0-5
mode
100 Ps
Delay
Delay
+
-
+
-
+
-
OV
VOVP
SENSE
6 ms
Delay
CLK _EN#
Delay
ovp
PGOOD
Q
Q
R
S
enable
1.255V
uvlo
BG
Bias
por
mode
1. 708V
Q
Q
R
S
SS
ih
ih
0.88
VID0
VID1
VID2
VID3
VID4
VID5
DAC
LG
Cboot
PGND
DVDD
Anti shoot
thru logic
zero cross detect
SRCK
1.255V
20 Ps
0.80
S>R
20Ps
6-Bit
enable #
3 x ih
20 PA
.
0 5 x ih
5V
current_lim
5V
enable#
1.708V
0.2V
#
current_lim
P_Z0
P_Z1
P_Z2
V
1. 708
change
vid_
soft_ start
1. 255V
DE_EN#
XPOK
LM27213
www.ti.com
SNVS377A – FEBRUARY 2006 – REVISED MARCH 2013
Block Diagram
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27213


Similar Part No. - LM27213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213MTD NSC-LM27213MTD Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213MTDX NSC-LM27213MTDX Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213SQ NSC-LM27213SQ Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213SQX NSC-LM27213SQX Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
More results

Similar Description - LM27213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com