Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72442 Datasheet(PDF) 11 Page - Texas Instruments

Part # SM72442
Description  Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72442 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM72442_15 Datasheet HTML 7Page - Texas Instruments SM72442_15 Datasheet HTML 8Page - Texas Instruments SM72442_15 Datasheet HTML 9Page - Texas Instruments SM72442_15 Datasheet HTML 10Page - Texas Instruments SM72442_15 Datasheet HTML 11Page - Texas Instruments SM72442_15 Datasheet HTML 12Page - Texas Instruments SM72442_15 Datasheet HTML 13Page - Texas Instruments SM72442_15 Datasheet HTML 14Page - Texas Instruments SM72442_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VIN
VA
C1
D1
D2
R1
C2
3 pF
30 pF
Conversion Phase: Switch Open
Track Phase: Switch Close
SM72442
www.ti.com
SNVS689H – OCTOBER 2010 – REVISED APRIL 2013
ANALOG INPUT
An equivalent circuit for one of the ADC input channels is shown in Figure 9. Diode D1 and D2 provide ESD
protection for the analog inputs. The operating range for the analog inputs is 0V to VA. Going beyond this range
will cause the ESD diodes to conduct and result in erratic operation.
The capacitor C1 in Figure 9 has a typical value of 3 pF and is mainly the package pin capacitance. Resistor R1
is the on resistance of the multiplexer and track / hold switch; it is typically 500
Ω. Capacitor C2 is the ADC
sampling capacitor; it is typically 30 pF. The ADC will deliver best performance when driven by a low-impedance
source (less than 100
Ω). This is specially important when sampling dynamic signals. Also important when
sampling dynamic signals is a band-pass or low-pass filter which reduces harmonic and noise in the input. These
filters are often referred to as anti-aliasing filters.
Figure 9. Equivalent Input Circuit
DIGITAL INPUTS and OUTPUTS
The digital input signals have an operating range of 0V to VA, where VA = VDDA – VSSA. They are not prone to
latch-up and may be asserted before the digital supply VD, where VD = VDDD – VSSD, without any risk. The
digital output signals operating range is controlled by VD. The output high voltage is VD – 0.5V (min) while the
output low voltage is 0.4V (max).
SDA and SCL OPEN DRAIN OUTPUT
SCL and SDA output is an open-drain output and does not have internal pull-ups. A “high” level will not be
observed on this pin until pull-up current is provided by some external source, typically a pull-up resistor. Choice
of resistor value depends on many system factors; load capacitance, trace length, etc. A typical value of pull- up
resistor for SM72442 ranges from 2 k
Ω to 10 kΩ. For more information, refer to the I2C Bus specification for
selecting the pull-up resistor value . The SCL and SDA outputs can operate while being pulled up to 5V and
3.3V.
I2C CONFIGURATION REGISTERS
The operation of the SM72442 can be configured through its I2C interface. Complete register settings for I2C
lines are shown below.
Table 1. reg0 Register Description
Bits
Field
Reset Value
R/W
Bit Field Description
55:40
RSVD
16'h0
R
Reserved for future use.
39:30
ADC6
10'h0
R
Analog Channel 6 (slew rate detection time constant,
see adc config worksheet)
29:20
ADC4
10'h0
R
Analog Channel 4 (iout_max: maximum allowed output
current)
19:10
ADC2
10'h0
R
Analog Channel 2 (operating mode, see adc_config
worksheet)
9:0
ADC0
10'h0
R
Analog Channel 0 (vout_max: maximum allowed output
voltage)
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM72442


Similar Part No. - SM72442_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72442MT NSC-SM72442MT Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442MTE NSC-SM72442MTE Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442MTX NSC-SM72442MTX Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
More results

Similar Description - SM72442_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Shenzhen Huazhimei Semi...
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com