Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72445 Datasheet(PDF) 11 Page - Texas Instruments

Part # SM72445
Description  SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72445 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM72445_15 Datasheet HTML 7Page - Texas Instruments SM72445_15 Datasheet HTML 8Page - Texas Instruments SM72445_15 Datasheet HTML 9Page - Texas Instruments SM72445_15 Datasheet HTML 10Page - Texas Instruments SM72445_15 Datasheet HTML 11Page - Texas Instruments SM72445_15 Datasheet HTML 12Page - Texas Instruments SM72445_15 Datasheet HTML 13Page - Texas Instruments SM72445_15 Datasheet HTML 14Page - Texas Instruments SM72445_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Ax
C1
D1
D2
R1
C2
3 pF
30 pF
Conversion Phase: Switch Open
Track Phase: Switch Close
VDDA
SM72445
www.ti.com
SNVS795 – MARCH 2012
Figure 12. Forced Reset Condition
As seen in Figure 12, the initial value for output voltage and load current are 28V and 1A respectively. After the
reset pin is grounded both the output voltage and load current decreases immediately. MOSFET switching on the
buck-boost converter also stops immediately. VLOB indicates the low side boost output from the SM72295.
ANALOG INPUT
An equivalent circuit for one of the ADC input channels is shown in Figure 13. Diode D1 and D2 provide ESD
protection for the analog inputs. The operating range for the analog inputs is 0V to VA. Going beyond this range
will cause the ESD diodes to conduct and result in erratic operation.
The capacitor C1 in Figure 13 has a typical value of 3 pF and is mainly the package pin capacitance. Resistor R1
is the on resistance of the multiplexer and track / hold switch; it is typically 500
Ω. Capacitor C2 is the ADC
sampling capacitor; it is typically 30 pF. The ADC will deliver best performance when driven by a low-impedance
source (less than 100
Ω). This is especially important when sampling dynamic signals. Also important when
sampling dynamic signals is a band-pass or low-pass filter which reduces harmonic and noise in the input. These
filters are often referred to as anti-aliasing filters.
Figure 13. Equivalent Input Circuit
DIGITAL INPUTS and OUTPUTS
The digital input signals have an operating range of 0V to VA, where VA = VDDA – VSSA. They are not prone to
latch-up and may be asserted before the digital supply VD, where VD = VDDD – VSSD, without any risk. The
digital output signals operating range is controlled by VD. The output high voltage is VD – 0.5V (min) while the
output low voltage is 0.4V (max).
SCL and SDA
SCL is an input, and SDA is bidirectional with an open-drain output. SCL and SDA do not have internal pull-ups.
A “high” level will not be observed on this pin until pull-up current is provided by some external source, typically a
pull-up resistor. The choice of resistor value depends on many system factors such as load capacitance and
trace length. A typical value of pull-up resistor for SM72445 ranges from 2 k
Ω to 10 kΩ. For more information,
refer to the I2C Bus specification for selecting the pull-up resistor value. The SCL and SDA outputs can operate
while being pulled up to 5V and 3.3V.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM72445


Similar Part No. - SM72445_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72445MT TI1-SM72445MT Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTE TI1-SM72445MTE Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTX TI1-SM72445MTX Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
More results

Similar Description - SM72445_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
   High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com