Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT403-1_118 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SOT403-1_118
Description  TSSOP16 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT403-1_118 Datasheet(HTML) 4 Page - NXP Semiconductors

  SOT403-1_118 Datasheet HTML 1Page - NXP Semiconductors SOT403-1_118 Datasheet HTML 2Page - NXP Semiconductors SOT403-1_118 Datasheet HTML 3Page - NXP Semiconductors SOT403-1_118 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NXP Semiconductors
SOT403-1
TSSOP16; Reel pack; SMD, 13"
Q1/T1 Standard product orientation
Orderable part number ending ,118 or J
Ordering code (12NC) ending 118
© NXP B.V. 2013.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 8 April 2013
Document identifier: SOT403-1_118
Limited warranty and liability
Information in this document is believed to be accurate and reliable. However, NXP
Semiconductors does not give any representations or warranties, expressed or implied, as
to the accuracy or completeness of such information and shall have no liability for the
consequences of use of such information.
5.
Barcode label
Fig 5.
Box information barcode
Fig 6.
Reel information barcode
Table 4.
Barcode dimensions
Box barcode label
l x w (mm)
Reel barcode label
l x w (mm)
100 x 75
35 x 75
001aak714
NXP SEMICONDUCTORS
MADE IN >COUNTRY<
[PRODUCT INFO]
(33T) PUID: B.0987654321
(30T) LOT2
(30D) DATE2
(30Q) QTY2
(31D) REDATE
(32T) ORIG
(31T) PMC
(31P) MSL/PBT
MSL/PBT
Optional product information*
Fixed text
Country of origin
i.e. "Made in....." or
"Diffused in EU [+]
Assembled in......
Packing unit (PQ) identification
2nd traceability lot number*
Traceability lot number
Date code
With linear barcode
With linear barcode
With linear barcode
Type number
NXP 12NC
Quantity
2nd (youngest) date code*
2nd Quantity*
Re-approval date code*
Origin code
Product Manufacturing Code
MSL at the Peak Body solder
temperature with tin/lead*
MSL at the higher lead-free
Peak Body Temperature*
2D matrix with all data
(including the data identifiers)
Additional info if halogen
free product
Additional info on RoHS
Lead-free symbol
HALOGEN FREE
RoHS compliant
(1T) LOT
(9D) DATE
(Q) QTY
(30P) TYPE
(1P) CODENO
001aak715
HALOGEN FREE
EU/CN RoHS compliant
(9D)DATE
(1P)CODENO
(Q)QTY
(1T)LOT
(30P)TYPE
NXP -ASSEMBLED IN >COUNTRY<


Similar Part No. - SOT403-1_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT403-1_128 PHILIPS-SOT403-1_128 Datasheet
261Kb / 5P
   TSSOP16 Reel pack, SMD, 13 Q4/T2 180 deg product orientation Orderable part number ending, 128 or HP Ordering code (12NC) ending 128
Rev. 2-14 October 2014
More results

Similar Description - SOT403-1_118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT505-1_118 PHILIPS-SOT505-1_118 Datasheet
219Kb / 4P
   TSSOP8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
SOT908-1_118 PHILIPS-SOT908-1_118 Datasheet
276Kb / 4P
   HVSON8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT361-1_118 PHILIPS-SOT361-1_118 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 3-16 April 2013
SOT355-1_118 PHILIPS-SOT355-1_118 Datasheet
232Kb / 4P
   TSSOP24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT360-1_118 PHILIPS-SOT360-1_118 Datasheet
230Kb / 4P
   TSSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT137-1_118 PHILIPS-SOT137-1_118 Datasheet
240Kb / 4P
   SO24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-12 April 2013
SOT109-1_118 PHILIPS-SOT109-1_118 Datasheet
215Kb / 4P
   SO16 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-24 April 2013
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
SOT629-1_118 PHILIPS-SOT629-1_118 Datasheet
264Kb / 4P
   HVQFN16 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-17 April 2013
SOT617-3_118 PHILIPS-SOT617-3_118 Datasheet
191Kb / 4P
   HVQFN32 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-2 April 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com